Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD810ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 2 Page - Analog Devices

  AD810ARZ Datasheet HTML 1Page - Analog Devices AD810ARZ Datasheet HTML 2Page - Analog Devices AD810ARZ Datasheet HTML 3Page - Analog Devices AD810ARZ Datasheet HTML 4Page - Analog Devices AD810ARZ Datasheet HTML 5Page - Analog Devices AD810ARZ Datasheet HTML 6Page - Analog Devices AD810ARZ Datasheet HTML 7Page - Analog Devices AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD810–SPECIFICATIONS (@ T
A = +25 C and VS =
15 V dc, RL = 150
unless otherwise noted)
AD810A
AD810S
1
Parameter
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
3 dB Bandwidth
(G = +2) RFB = 715
±5 V
4050
4050
MHz
(G = +2) RFB = 715
±15 V
5575
5575
MHz
(G = +1) RFB = 1000
±15 V
4080
4080
MHz
(G = +10) RFB = 270
±15 V
5065
5065
MHz
0.1 dB Bandwidth
(G = +2) RFB = 715
±5 V
1322
1322
MHz
(G = +2) RFB = 715
±15 V
1530
1530
MHz
Full Power Bandwidth
VO = 20 V p-p,
RL = 400 Ω± 15 V
16
16
MHz
Slew Rate
2
RL = 150 Ω± 5 V
350
350
V/
µs
RL = 400 Ω± 15 V
1000
1000
V/
µs
Settling Time to 0.1%
10 V Step, G = –1
±15 V
50
50
ns
Settling Time to 0.01%
10 V Step, G = –1
±15 V
125
125
ns
Differential Gain
f = 3.58 MHz
±15 V
0.02
0.05
0.02
0.05
%
f - 3.58 MHz
±5 V
0.04
0.07
0.04
0.07
%
Differential Phase
f = 3.58 MHz
±15 V
0.04
0.07
0.04
0.07
Degrees
f = 3.58 MHz
±5 V
0.045
0.08
0.045
0.08
Degrees
Total Harmonic Distortion
f = 10 MHz, VO = 2 V p-p
RL = 400 Ω, G = +2
±15 V
–61
–61
dBc
INPUT OFFSET VOLTAGE
±5 V, ±15 V
1.5
6
1.5
6
mV
TMIN–TMAX
±5 V, ±15 V
2
7.5
4
15
mV
Offset Voltage Drift
715
µV/°C
INPUT BIAS CURRENT
–Input
TMIN–TMAX
±5 V, ±15 V
0.7
5
0.8
5
µA
+Input
TMIN–TMAX
±5 V, ±15 V
2
7.5
2
10
µA
OPEN-LOOP
TMIN–TMAX
TRANSRESISTANCE
VO = ± 10 V, RL = 400 Ω± 15 V
1.0
3.5
1.0
3.5
M
Ω
VO = ± 2.5 V, RL = 100 Ω± 5 V
0.3
1.2
0.2
1.0
M
Ω
OPEN-LOOP
TMIN–TMAX
DC VOLTAGE GAIN
VO = ± 10 V, RL = 400 Ω± 15 V
86
100
80
100
dB
VO = ± 2.5 V, RL = 100 Ω± 5 V
7688
7288
dB
COMMON-MODE REJECTION
TMIN–TMAX
VOS
VCM = ± 12 V
±15 V
5664
5664
dB
VCM = ± 2.5 V
±5 V
5260
5060
dB
±Input Current
TMIN–TMAX
±5 V, ±15 V
0.1
0.4
0.1
0.4
µA/V
POWER SUPPLY REJECTION
±4.5 V to ±18 V
VOS
TMIN–TMAX
65
72
60
72
dB
±Input Current
TMIN–TMAX
0.05
0.3
0.05
0.3
µA/V
INPUT VOLTAGE NOISE
f = 1 kHz
±5 V, ±15 V
2.9
2.9
nV/
√Hz
INPUT CURRENT NOISE
–IIN, f = 1 kHz
±5 V, ±15 V
13
13
pA/
√Hz
+IIN, f = 1 kHz
±5 V, ±15 V
1.5
1.5
pA/
√Hz
INPUT COMMON-MODE
±5 V
±2.5
±3.0
±2.5
±3V
VOLTAGE RANGE
±15 V
±12
±13
±12
±13
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
3
RL = 150 Ω, TMIN–TMAX
±5 V
±2.5
±2.9
±2.5
±2.9
V
RL = 400 Ω± 15 V
±12.5 ±12.9
±12.5 ±12.9
V
RL = 400 Ω, TMIN–TMAX
±15 V
±12
±12
V
Short-Circuit Current
±15 V
150
150
mA
Output Current
TMIN–TMAX
±5 V, ±15 V
4060
3060
mA
OUTPUT RESISTANCE
Open Loop (5 MHz)
15
15
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
±15 V
2.5
10
2.5
10
M
Ω
–Input
±15 V
40
40
Ω
Input Capacitance
+Input
±15 V
2
2
pF
DISABLE CHARACTERISTICS
4
OFF Isolation
f = 5 MHz, See Figure 43
64
64
dB
OFF Output Impedance
See Figure 43
(RF + RG) 13 pF
(RF+ RG) 13 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com