Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT670 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LPT670
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPT670 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LPT670 Datasheet HTML 5Page - OSRAM GmbH LPT670 Datasheet HTML 6Page - OSRAM GmbH LPT670 Datasheet HTML 7Page - OSRAM GmbH LPT670 Datasheet HTML 8Page - OSRAM GmbH LPT670 Datasheet HTML 9Page - OSRAM GmbH LPT670 Datasheet HTML 10Page - OSRAM GmbH LPT670 Datasheet HTML 11Page - OSRAM GmbH LPT670 Datasheet HTML 12Page - OSRAM GmbH LPT670 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LS T670, LO T670, LY T670, LG T670, LP T670
2006-01-01
9
Maßzeichnung
8) Seite 15
Package Outlines
8)
page 15
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
35 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 2000/reel, ø180 mm or 8000/reel,
ø330 mm
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
OHAY2271
4 (0.157)
1.5 (0.059)
2.9 (0.114)
4 (0.157)
2 (0.079)
Cathode/Collector Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com