Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7650 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7650
Description  16-Bit, 250 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 4 Page - Analog Devices

  AD7650 Datasheet HTML 1Page - Analog Devices AD7650 Datasheet HTML 2Page - Analog Devices AD7650 Datasheet HTML 3Page - Analog Devices AD7650 Datasheet HTML 4Page - Analog Devices AD7650 Datasheet HTML 5Page - Analog Devices AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. B
AD7663
–4–
TIMING SPECIFICATIONS (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Refer to Figures 17 and 18 (Master Serial Interface Modes)
1
CS HIGH to SYNC HI-Z
t25
10
ns
CS HIGH to Internal SCLK HI-Z
t26
10
ns
CS HIGH to SDOUT HI-Z
t27
10
ns
BUSY HIGH in Master Serial Read after Convert
t28
See Table II
µs
CNVST LOW to SYNC Asserted Delay
t29
1.25
µs
(Master Serial Read after Convert)
SYNC Deasserted to BUSY LOW Delay
t30
25
ns
Refer to Figures 19 and 21 (Slave Serial Interface Modes)
External SCLK Setup Time
t31
5ns
External SCLK Active Edge to SDOUT Delay
t32
316
ns
SDIN Setup Time
t33
5ns
SDIN Hold Time
t34
5ns
External SCLK Period
t35
25
ns
External SCLK HIGH
t36
10
ns
External SCLK LOW
t37
10
ns
NOTES
1In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load C
L of 10 pF; otherwise, the load is 60 pF maximum.
2In Serial Master Read during Convert Mode. See Table II for Master Read after Convert Mode.
Specifications subject to change without notice.
IOH
500 A
1.6mA
IOL
TO OUTPUT
PIN
1.4V
CL
60pF*
*IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
Figure 1. Load Circuit for Digital Interface Timing
t
DELAY
t
DELAY
0.8V
0.8V
0.8V
2V
2V
2V
Figure 2. Voltage Reference Levels for Timing
Table II. Serial Clock Timings in Master Read after Convert
DIVSCLK[1]
0011
DIVSCLK[0]
0101
Unit
SYNC to SCLK First Edge Delay Minimum
t18
420
2020
ns
Internal SCLK Period Minimum
t19
25
50
100
200
ns
Internal SCLK Period Maximum
t19
40
70
140
280
ns
Internal SCLK HIGH Minimum
t20
15
25
50
100
ns
Internal SCLK LOW Minimum
t21
9.5
24
49
99
ns
SDOUT Valid Setup Time Minimum
t22
4.5
22
22
22
ns
SDOUT Valid Hold Time Minimum
t23
2430
90
ns
SCLK Last Edge to SYNC Delay Minimum
t24
360
140
300
ns
BUSY HIGH Width Maximum
t28
2
2.5
3.5
5.75
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com