Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7650 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7650
Description  16-Bit, 250 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 3 Page - Analog Devices

  AD7650 Datasheet HTML 1Page - Analog Devices AD7650 Datasheet HTML 2Page - Analog Devices AD7650 Datasheet HTML 3Page - Analog Devices AD7650 Datasheet HTML 4Page - Analog Devices AD7650 Datasheet HTML 5Page - Analog Devices AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. B
–3–
AD7663
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
Refer to Figures 11 and 12
Convert Pulsewidth
t1
5ns
Time between Conversions
t2
4µs
CNVST LOW to BUSY HIGH Delay
t3
30
ns
BUSY HIGH All Modes Except in
t4
1.25
µs
Master Serial Read after Convert Mode
Aperture Delay
t5
2ns
End of Conversion to BUSY LOW Delay
t6
10
ns
Conversion Time
t7
1.25
µs
Acquisition Time
t8
2.75
µs
RESET Pulsewidth
t9
10
ns
Refer to Figures 13, 14, 15, and 16 (Parallel Interface Modes)
CNVST LOW to DATA Valid Delay
t10
1.25
µs
DATA Valid to BUSY LOW Delay
t11
20
ns
Bus Access Request to DATA Valid
t12
40
ns
Bus Relinquish Time
t13
515
ns
Refer to Figures 17 and 18 (Master Serial Interface Modes)
1
CS LOW to SYNC Valid Delay
t14
10
ns
CS LOW to Internal SCLK Valid Delay
t15
10
ns
CS LOW to SDOUT Delay
t16
10
ns
CNVST LOW to SYNC Delay (Read during Convert)
t17
0.5
µs
SYNC Asserted to SCLK First Edge Delay
2
t18
4ns
Internal SCLK Period
2
t19
25
40
ns
Internal SCLK HIGH
2
t20
15
ns
Internal SCLK LOW
2
t21
9.5
ns
SDOUT Valid Setup Time
2
t22
4.5
ns
SDOUT Valid Hold Time
2
t23
2ns
SCLK Last Edge to SYNC Delay
2
t24
3ns
Parameter
Conditions
Min
Typ
Max
Unit
TEMPERATURE RANGE
8
Specified Performance
TMIN to TMAX
–40
+85
°C
NOTES
1LSB means least significant bit. With the ±5 V input range, one LSB is 152.588 µV.
2See Definition of Specifications section. These specifications do not include the error contribution from the external reference.
3All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4The max should be the minimum of 5.25 V and DVDD + 0.3 V.
5Tested in Parallel Reading Mode.
6Tested with the 0 V to 5 V range and V
IN – VINGND = 0 V. See Power Dissipation section.
7With OVDD below DVDD + 0.3 V and all digital inputs forced to DVDD or DGND, respectively.
8Contact factory for extended temperature range.
Specifications subject to change without notice.
Table I. Analog Input Configuration
Input Voltage
Input
Range
IND(4R)
INC(4R)
INB(2R)
INA(R)
Impedance
1
±4 REF
2
VIN
INGND
INGND
REF
5.85 k
W
±2 REF
VIN
VIN
INGND
REF
3.41 k
W
±REF
VIN
VIN
VIN
REF
2.56 k
W
0 V to 4 REF
VIN
VIN
INGND
INGND
3.41 k
W
0 V to 2 REF
VIN
VIN
VIN
INGND
2.56 k
W
0 V to REF
VIN
VIN
VIN
VIN
Note 3
NOTES
1Typical analog input impedance.
2With REF = 3 V, in this range, the input should be limited to –11 V to +12 V.
3
For this range the input is high impedance.
(–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com