Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212YRMZ-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8212YRMZ-R71
Description  High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212YRMZ-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8212YRMZ-R71 Datasheet HTML 4Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 5Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 6Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 7Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 8Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 9Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 10Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 11Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8212
Rev. B | Page 8 of 16
5µs/DIV
0V
VOUT
2V/DIV
V+ = 15V
ROUT = 50kΩ
VIN
100mV/DIV
Figure 16. Step Response (Gain = 50)
2µs/DIV
0V
VOUT
2V/DIV
V+ = 15V
ROUT = 20kΩ
VIN
100mV/DIV
Figure 17. Step Response Falling
2µs/DIV
0V
VOUT
2V/DIV
V+ = 15V
ROUT = 20kΩ
VIN
100mV/DIV
Figure 18. Step Response Rising
BIAS CURRENT (µA)
4.8
4.9
5.0
5.1
5.2
100 200 300 400 500 600 700 800 900 1000 1100 1200
T = –40°C
T = +125°C
T = +25°C
Figure 19. Regulator Voltage High Voltage Mode (IOUT = 0 mA) vs.
Bias Current
5.2
5.0
5.1
4.9
4.8
–40
–25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
V+ = 300V
V+ = 100V
V+ = 200V
Figure 20. Regulator Voltage vs. Temperature
(High Voltage Operation)
RBIAS (kΩ)
550
500
450
400
350
300
250
200
150
100
50
0
10
20
30
50
70 100 150 200 250 300 350 400 450 500
V+ MAXIMUM RANGE
V+ MINIMUM RANGE
Figure 21. Supply Range (V+) vs. Bias Resistor Value
(High Voltage Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com