Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212YRMZ-R71 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8212YRMZ-R71
Description  High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212YRMZ-R71 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8212YRMZ-R71 Datasheet HTML 6Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 7Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 8Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 9Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 10Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 11Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 12Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 13Page - Analog Devices AD8212YRMZ-R71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8212
Rev. B | Page 10 of 16
HIGH VOLTAGE OPERATION USING AN EXTERNAL
PNP TRANSISTOR
In this mode of operation, the supply current (IBIAS) of the
AD8212 circuit increases based on the supply range and the
RBIAS resistor chosen. For example
The AD8212 offers features that simplify measuring current in
the presence of common-mode voltages greater than 65 V. This
is achieved by connecting an external PNP transistor at the
output of the AD8212, as shown in Figure 23. The VCE break-
down voltage of this PNP becomes the operating common-mode
range of the AD8212. PNP transistors with breakdown voltages
exceeding 300 V are inexpensive and readily available in small
packages.
if
V+ = 500 V and RBIAS = 500 kΩ
IBIAS = (V+ − 5 V)/RBIAS
then,
IBIAS = (500 – 5)/500 kΩ = 990 μA
In high voltage operation, it is recommended that IBIAS remain
within 200 μA to 1 mA. This ensures that the bias circuit is
turned on, allowing the device to function as expected. At the
same time, the current through the bias circuit/regulator is
limited to 1 mA. Refer to Figure 19 and Figure 21 for IBIAS and
V+ information when using the AD8212 in a high voltage
configuration.
ROUT
Q2
AD8212
BATTERY
RSHUNT
OUTPUT
CURRENT
COMPENSATION
BIAS
CIRCUIT
R1
R2
A1
Q1
VOUT
RBIAS
8
6
3
2
5
1
When operating the AD8212, as depicted in Figure 23,
Transistor Q2 can be a FET or a bipolar PNP transistor. The
latter is much less expensive, however the magnitude of IOUT
conducted to the output resistor (ROUT) is reduced by the
amount of current lost through the base of the PNP. This leads
to an error in the output voltage reading.
The AD8212 includes an integrated patented circuit, which
compensates for the output current that is lost through the base
of the external PNP transistor. This ensures that the correct
transconductance of the amplifier is maintained. The user can
opt for an inexpensive bipolar PNP, instead of a FET, while
maintaining a comparable level of accuracy.
OUTPUT CURRENT COMPENSATION CIRCUIT
The base of the external PNP, Q2, is connected to ALPHA
(Pin 6) of the AD8212. The current flowing in this path is
mirrored inside the current compensation circuit. This
current then flows in Resistor R2, which is the same value
as Resistor R1. The voltage created by this current across
Resistor R2, displaces the noninverting input of Amplifier A1
by the corresponding voltage. Amplifier A1 responds by driving
the base of Transistor Q1 so as to force a similar voltage
displacement across Resistor R1, thereby increasing IOUT.
Figure 23. High Voltage Operation Using External PNP
The AD8212 features an integrated 5 V series regulator. This
regulator ensures that at all times COM (Pin 2), which is the
most negative of all the terminals, is always 5 V less than the
supply voltage (V+). Assuming a battery voltage (V+) of 100 V,
it follows that the voltage at COM (Pin 2) is
(V+) – 5 V = 95 V
The base emitter junction of Transistor Q2, in addition to the
Vbe of one internal transistor, makes the collector of Transistor Q1
approximately equal to
Because the current generated by the output compensation
circuit is equal to the base current of Transistor Q2, and the
resulting displacements across Resistor R1 and Resistor R2 result
in equal currents, the increment of current added to the output
current is equivalent to the base current of Transistor Q2.
Therefore, the integrated output current compensation circuit
has corrected IOUT such that no error results from the base
current lost at Transistor Q2.
95 V + 2(Vbe(Q2)) = 95 V + 1.2 V = 96.2 V
This voltage appears across external Transistor Q2. The voltage
across Transistor Q1 is
100 V – 96.2 V = 3.8 V
In this manner, Transistor Q2 withstands 95.6 V and the
internal Transistor Q1 is only subjected to voltages well below
its breakdown capability.
This feature of the AD8212 greatly improves IOUT accuracy and
allows the user to choose an inexpensive bipolar PNP (with low
beta) with which to monitor current in the presence of high
voltages (typically several hundred volts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com