Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4112BCP Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4112BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4112BCP Datasheet HTML 15Page - Analog Devices ADF4112BCP Datasheet HTML 16Page - Analog Devices ADF4112BCP Datasheet HTML 17Page - Analog Devices ADF4112BCP Datasheet HTML 18Page - Analog Devices ADF4112BCP Datasheet HTML 19Page - Analog Devices ADF4112BCP Datasheet HTML 20Page - Analog Devices ADF4112BCP Datasheet HTML 21Page - Analog Devices ADF4112BCP Datasheet HTML 22Page - Analog Devices ADF4112BCP Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8348
Rev. A | Page 19 of 28
VCMO. This forms a high-pass response for the baseband
signal path with a lower 3 dB frequency of
COFS
f
PASS
×
Ω
×
π
=
2650
2
1
Alternatively, the user can externally adjust the dc offset by driving
IOFS (QOFS) with a digital-to-analog converter or other voltage
source. In this case, the baseband circuit operates all the way down
to dc (fPASS = 0 Hz). The integrator output current is only 50 μA
and can be easily overridden with an external voltage source.
The nominal voltage level applied to IOFS (QOFS) to produce
a 0 V differential offset at the baseband outputs is 900 mV.
The IOFS (QOFS) pin must be connected to either a bypass
capacitor (>0.1 μF) or an external voltage source to prevent the
feedback loop from oscillating.
The feedback loop will be broken at dc if an ac-coupled baseband
filter is placed between the mixer outputs and the baseband
amplifier inputs. If an ac-coupled filter is implemented, the user
must handle the offset compensation via some external means.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com