Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4112BCP Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4112BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4112BCP Datasheet HTML 17Page - Analog Devices ADF4112BCP Datasheet HTML 18Page - Analog Devices ADF4112BCP Datasheet HTML 19Page - Analog Devices ADF4112BCP Datasheet HTML 20Page - Analog Devices ADF4112BCP Datasheet HTML 21Page - Analog Devices ADF4112BCP Datasheet HTML 22Page - Analog Devices ADF4112BCP Datasheet HTML 23Page - Analog Devices ADF4112BCP Datasheet HTML 24Page - Analog Devices ADF4112BCP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8348
Rev. A | Page 21 of 28
18
19
1000pF
1000pF
MXIP
MXIP
MXIN
MXIN
Figure 53. Driving the MX Inputs from a Differential Source
If the MX inputs are to be driven from a single-ended 50 Ω source,
a 4:1 balun can be used to transform the 200 Ω impedance of
the inputs to 50 Ω while performing the required single-ended-
to-differential conversion. The recommended transformer is the
M/A-COM ETK4-2T.
MXIP
1000pF
1000pF
ETK4-2T
1µF
MXIP
MXIN
18
19
Figure 54. Driving the MX Inputs from a Single-Ended 50 Ω Source
BASEBAND OUTPUTS
The baseband amplifier outputs, IOPP, IOPN, QOPP, and QOPN,
should be presented with loads of at least 2 kΩ (single-ended to
ground). They are not designed to drive 50 Ω loads directly. The
typical swing for these outputs is 2 V p-p differential (1 V p-p
single-ended), but larger swings are possible as long as care is taken
to ensure that the signals remain within the lower limit of 0.5 V
and the upper limit of VS − 1 V of the output swing. To achieve
a larger swing, it is necessary to adjust the common-mode bias of
the baseband output signals. Increasing the swing can have the
benefit of improving the signal-to-noise ratio of the baseband
amplifier output.
When connecting the baseband outputs to other devices, care
should be taken to ensure that the outputs are not capacitively
loaded by approximately 20 pF or more. Such loads could
potentially overload the output or induce oscillations. The effect
of capacitive loading on the baseband amplifier outputs can be
mitigated by inserting series resistors of approximately 200 Ω.
OUTPUT DC BIAS LEVEL
The dc bias of the mixer outputs and the baseband amplifier
inputs and outputs is determined by the voltage that is driven
onto the VCMO pin. The range of this voltage is typically
between 500 mV and 4 V when operating with a 5 V supply.
To achieve maximum voltage swing from the baseband amplifiers,
VCMO should be driven at 2.25 V; this allows a swing of up to
7 V p-p differential (3.5 V p-p single-ended).
INTERFACING TO DETECTOR FOR AGC OPERATION
The AD8348 can be interfaced with a detector such as the
AD8362 rms-to-dc converter to provide an automatic signal-
leveling function for the baseband outputs.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1000pF
1000pF
1
3
5
4
LO
1000pF
1000pF
60.4Ω
1:1
AD8348
100pF
0.1µF
+VS
VREF
+VS
+VS
100pF
100pF
VREF
1000pF
100pF
1000pF
1µF
1µF
1µF
1µF
100pF
0.1µF
1µF
1000pF
+VS
0.1µF
100pF
+VS
0.1µF
100pF
VCMO
VSET
+VS
AD8362
ACOM
COMM
VTGT
DECL
VPOS
INHI
VOUT
INLO
ACOM
PWDN
CLPF
COMM
VREF
CHPF
VSET
DECL
TO BASEBAND
Q ADC
TO BASEBAND
I ADC
IF INPUT
ZO = 200Ω
1.02kΩ
1.24kΩ
IFIP
MXIP
VPOS2 VGIN
IOFS
QOFS
VREF
ENBL
LOIN
LOIP
VPOS1 COM1
IOPN
QOPN
IOPP
QOPP
VCMO ENVG
IAIN
QAIN
COM3 COM3
IMXO
QMXO
COM2 VPOS3
IFIN
MXIN
18
17
16
15
28
27
26
25
24
23
22
21
20
19
11
12
13
14
1
2
3
4
5
6
7
8
9
10
Figure 55. AD8362 Configuration for AGC Operation
Assuming the I and Q channels have the same rms power, the
mixer output (or the output of the baseband filter) of one channel
can be used as the input of the AD8362. The AD8362 should be
operated in a region where its linearity error is small. Also, a
voltage divider should be implemented with an external resistor
in series with the 200 Ω input impedance of the AD8362 input.
This attenuates the AD8348 mixer output so that the AD8362
input is not overdriven. The size of the resistor between the
mixer output and the AD8362 input should be chosen so that
the peak signal level at the input of the AD8362 is about 10 dB
less than the approximately 10 dBm maximum of the AD8362
dynamic range.
The other side of the AD8348 baseband output should be
loaded with a resistance equal to the series resistance of the
attenuating resistor in series with the AD8362’s 200 Ω input
impedance. This resistor should be tied to the source driving
VCMO so that there is no dc drawn from the mixer output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com