Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5520IPAP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5520IPAP
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAP Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5520IPAP Datasheet HTML 25Page - Texas Instruments ADS5520IPAP Datasheet HTML 26Page - Texas Instruments ADS5520IPAP Datasheet HTML 27Page - Texas Instruments ADS5520IPAP Datasheet HTML 28Page - Texas Instruments ADS5520IPAP Datasheet HTML 29Page - Texas Instruments ADS5520IPAP Datasheet HTML 30Page - Texas Instruments ADS5520IPAP Datasheet HTML 31Page - Texas Instruments ADS5520IPAP Datasheet HTML 32Page - Texas Instruments ADS5520IPAP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
ADS5520
www.ti.com....................................................................................................................................................... SBAS310F – MAY 2004 – REVISED OCTOBER 2008
To use the input clock as the data capture clock, it is necessary to delay the input clock by a delay, td, that
results in the desired setup or hold time. Use either of the following equations to calculate the value of td.
Desired setup time = td – tSTART
Desired hold time = tEND – td
Table 6. Timing Characteristics at Additional Sampling Frequencies (DLL ON)
Data Rise time tr
Data Fall time tf
tSETUP (ns)
tHOLD (ns)
tSTART (ns)
tEND (ns)
fS
(ns)
(ns)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
105
2.4
3.1
2.2
2.6
1.7
2.6
5.8
7.3
4.4
5.1
3.3
3.8
80
3.3
4.1
3
3.4
0.3
1.5
5.3
8
5.8
6.6
4.4
5.3
65
4.1
5
3.7
4.2
-0.8
0.4
5.3
8.7
6.7
7.2
5.5
6.4
Table 7. Timing Characteristics at Additional Sampling Frequencies (DLL OFF)
Data Rise time tr
Data Fall time tf
tSETUP (ns)
tHOLD (ns)
tSTART (ns)
tEND (ns)
fS
(ns)
(ns)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
3.6
4.7
1.8
3.1
3.3
4.7
8.2
11.1
5.6
6.1
4.4
5.1
65
4.7
6
2.1
3.1
2.4
4.2
8.3
12
6.6
7.2
5.5
6.4
40
8.5
11
2.8
3.5
-1
1.5
8.9
14.5
7.5
8
7.3
7.8
20
17
25.7
2.5
4.7
-9.8
2
9.5
21.6
7.5
8
7.6
8
10
27
51
4
6.5
-30
-3
11.5
31
2
284
370
4
13
185
320
515
576
50
82
75
150
Table 8. Timing Characteristics at Additional Sampling Frequencies (DLL ON)
CLKOUT Jitter,
CLKOUT Rise Time
CLKOUT Fall Time
Input-to-Output Clock Delay
Peak-to-Peak
fS
tr (ns)
tf (ns)
tPDI (ns)
tJIT (ps)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
105
2
2.2
1.7
1.8
175
250
4
4.7
5.5
80
2.5
2.8
2.1
2.3
210
315
3.7
4.3
5.1
65
3.1
3.5
2.6
2.9
260
380
3.5
4.1
4.8
Table 9. Timing Characteristics at Additional Sampling Frequencies (DLL OFF)
CLKOUT Jitter,
CLKOUT Rise Time
CLKOUT Fall Time
Input-to-Output Clock Delay
Peak-to-Peak
fS
tr (ns)
tf (ns)
tPDI (ns)
tJIT (ps)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
2.5
2.8
2.1
2.3
210
315
7.1
8
8.9
65
3.1
3.5
2.6
2.9
260
380
7.8
8.5
9.4
40
4.8
5.3
4
4.4
445
650
9.5
10.4
11.4
20
8.3
9.5
7.6
8.2
800
1200
13
15.5
18
10
16
20.7
25.5
2
31
52
36
65
2610
4400
537
551
567
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com