Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5520IPAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5520IPAP
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5520IPAP Datasheet HTML 8Page - Texas Instruments ADS5520IPAP Datasheet HTML 9Page - Texas Instruments ADS5520IPAP Datasheet HTML 10Page - Texas Instruments ADS5520IPAP Datasheet HTML 11Page - Texas Instruments ADS5520IPAP Datasheet HTML 12Page - Texas Instruments ADS5520IPAP Datasheet HTML 13Page - Texas Instruments ADS5520IPAP Datasheet HTML 14Page - Texas Instruments ADS5520IPAP Datasheet HTML 15Page - Texas Instruments ADS5520IPAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
ADS5520
SBAS310F – MAY 2004 – REVISED OCTOBER 2008....................................................................................................................................................... www.ti.com
PIN ASSIGNMENTS(1)
TERMINAL
NO. OF
NAME
NO.
PINS
I/O
DESCRIPTION
5, 7, 9, 15, 22,
AVDD
24, 26, 28, 33,
12
I
Analog power supply
34, 37, 39
6, 8, 12, 13,
14, 16, 18, 21,
AGND
14
I
Analog ground
23, 25, 27, 32,
36, 38
DRVDD
49, 58
2
I
Output driver power supply
1, 42, 48, 50,
DRGND
6
I
Output driver ground
57, 59
NC
44, 45
2
—
Not connected
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive); 1-µF capacitor in series with a 1-
Ω resistor to GND
REFM
30
1
O
Reference voltage (negative); 1-µF capacitor in series with a 1-
Ω resistor to GND
IREF
31
1
I
Current set; 56-k
Ω resistor to GND; do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), Internal 200-k
Ω resistor to AVDD
(2)
OE
41
1
I
Output enable (active high)(3)
DFS
40
1
I
Data format and clock out polarity select(4)(3)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select(3)
SDATA
3
1
I
Serial interface data(3)
SCLK
2
1
I
Serial interface clock(3)
D0 (LSB) to
46, 47, 51-56,
14
O
Parallel data output
D11 (MSB)
60-63
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
(1)
PowerPAD is connected to analog ground.
(2)
If RESET pin is unused, it must be tied to AGND and serial interface should be used to reset the device. See the serial programming
interface section for details.
(3)
Pins OE, DFS, SEN, SDATA, and SCLK have internal clamping diodes to the DRVDD supply. Any external circuit driving these pins
must also run off the same supply voltage as DRVDD.
(4)
Table 4 defines the voltage levels for each mode selectable via the DFS pin.
12
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com