Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5520IPAPR Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS5520IPAPR
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5520IPAPR Datasheet HTML 12Page - Texas Instruments ADS5520IPAPR Datasheet HTML 13Page - Texas Instruments ADS5520IPAPR Datasheet HTML 14Page - Texas Instruments ADS5520IPAPR Datasheet HTML 15Page - Texas Instruments ADS5520IPAPR Datasheet HTML 16Page - Texas Instruments ADS5520IPAPR Datasheet HTML 17Page - Texas Instruments ADS5520IPAPR Datasheet HTML 18Page - Texas Instruments ADS5520IPAPR Datasheet HTML 19Page - Texas Instruments ADS5520IPAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60 62.5
SFDR =72.3dBc
THD=70.4dBc
SNR=68.7dBFS
SINAD=66.9dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
62.5
SFDR =75.5dBc
THD=75.0dBc
SNR=69.7dBFS
SINAD=68.8dBFS
60
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60 62.5
SFDR =68.31dBc
THD=66.15dBc
SNR=67.11dBFS
SINAD=64.08dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60 62.5
f1 = 10MHz, −7dBFS
f2 = 15MHz, −7dBFS
IMD3= −87.5dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60 62.5
f1 = 50MHz, −7dBFS
f2 = 55MHz, −7dBFS
IMD3= −84.3dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60 62.5
f1 = 148MHz, −7dBFS
f2 = 153MHz, −7dBFS
IMD3= −86.5dBFS
ADS5520
SBAS310F – MAY 2004 – REVISED OCTOBER 2008....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, sampling rate = 125 MSPS,
DLL On, and 3-V differential clock, unless otherwise noted
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 150 MHz Input Signal)
(FFT for 220 MHz Input Signal)
Figure 11.
Figure 12.
SPECTRAL PERFORMANCE
TWO-TONE
(FFT for 300 MHz Input Signal)
INTERMODULATION
Figure 13.
Figure 14.
TWO-TONE
TWO-TONE
INTERMODULATION
INTERMODULATION
Figure 15.
Figure 16.
16
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com