Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5520IPAPR Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5520IPAPR
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPR Datasheet(HTML) 5 Page - Texas Instruments

  ADS5520IPAPR Datasheet HTML 1Page - Texas Instruments ADS5520IPAPR Datasheet HTML 2Page - Texas Instruments ADS5520IPAPR Datasheet HTML 3Page - Texas Instruments ADS5520IPAPR Datasheet HTML 4Page - Texas Instruments ADS5520IPAPR Datasheet HTML 5Page - Texas Instruments ADS5520IPAPR Datasheet HTML 6Page - Texas Instruments ADS5520IPAPR Datasheet HTML 7Page - Texas Instruments ADS5520IPAPR Datasheet HTML 8Page - Texas Instruments ADS5520IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
DIGITAL CHARACTERISTICS
ADS5520
www.ti.com....................................................................................................................................................... SBAS310F – MAY 2004 – REVISED OCTOBER 2008
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRVDD = 3.3 V, sampling rate = 125 MSPS, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1dBFS differential
input, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
25°C
79
89
fIN = 10 MHz
Full temp range
76
88
fIN = 55 MHz
79
25°C
78
85
Third-harmonic, HD3
fIN = 70 MHz
dBc
Full temp range
75
82
fIN = 100 MHz
82
fIN = 150 MHz
80
fIN = 220 MHz
78
fIN = 10 MHz
25°C
88
Worst-harmonic/spur (other than HD2 and
dBc
HD3)
fIN = 70 MHz
25°C
86
25°C
67.5
69.8
fIN = 10 MHz
Full temp range
65.5
69
fIN = 55 MHz
69.5
25°C
67.5
69.9
Signal-to-noise + distortion, SINAD
fIN = 70 MHz
dBFS
Full temp range
65.5
68.6
fIN = 100 MHz
69.5
fIN = 150 MHz
68.5
fIN = 220 MHz
66.7
25°C
78
85
fIN = 10 MHz
Full temp range
75
83
fIN = 55 MHz
77
25°C
77
81
Total harmonic distortion, THD
fIN = 70 MHz
dBc
Full temp range
74
79.5
fIN = 100 MHz
79
fIN = 150 MHz
75
fIN = 220 MHz
72
Effective number of bits, ENOB
fIN = 70 MHz
11.3
Bits
f = 10.1 MHz, 15.1 MHz (-7dBFS each tone)
95
Two-tone intermodulation distortion, IMD
f = 50.1 MHz, 55.1 MHz (-7dBFS each tone)
92
dBFS
f = 148.1 MHz, 153.1 MHz (-7dBFS each tone)
93.5
AC power supply rejection ratio, ACPSRR
Supply noise frequency
≤ 100 MHz
35
dB
Power Supply
Total supply current, ICC
fIN = 70 MHz
236
260
mA
Analog supply current, IAVDD
fIN = 70 MHz
175
190
mA
Output buffer supply current, IDRVDD
fIN = 70 MHz
61
70
mA
Analog only
578
627
Power dissipation
mW
Output buffer power with 10-pF load on digital
202
231
output to ground
Standby power
With Clocks running
180
250
mW
Valid over full recommended operating temperature range, AVDD = DRVDD = 3.3 V, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com