Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601MA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Rr
+IN
-IN
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
OUT
+
-
Preamplifier
+IN
-IN
Output Buffer
Gain = K2
A1
A2
Gain = K1
OFFSET
Internal
R1
100 k:
C2
C1
R2
8
1
3
4
5
7
Level
shift
LMP8601, LMP8601-Q1
www.ti.com
SNOSAR2E – SEPTEMBER 2008 – REVISED MARCH 2013
Note that the frequency response achieved using this procedure will only be accurate if the cut-off frequency of
the second order filter is much smaller than the intrinsic 60 kHz low-pass filter. In other words, to have the
frequency response of the LMP8601/LMP8601Q circuit chosen such that the internal poles do not affect the
external second order filter.
K1 = 10, K2 = 2
Figure 34. Second Order Low Pass Filter
GAIN ADJUSTMENT
The gain of the LMP8601/LMP8601Q is 20; however, this gain can be adjusted as the signal path in between the
two internal amplifiers is available on the external pins.
Reduce Gain
Figure 35 shows the configuration that can be used to reduce the gain of the LMP8601/LMP8601Q.
K2 = 2
Figure 35. Reduce Gain
Rr creates a resistive divider together with the internal 100 kΩ resistor such that the reduced gain Gr becomes:
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP8601 LMP8601-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com