Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
TIME (ns)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
50
100
150
200
250
300
20 pF
10 pF
VS = 3.3V
TIME (ns)
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
50
100
150
200
250
300
20 pF
10 pF
VS = 5V
LMP8601/
LMP8601Q
VS
0V
LMP8601, LMP8601-Q1
www.ti.com
SNOSAR2E – SEPTEMBER 2008 – REVISED MARCH 2013
With the offset pin connected to the supply pin (VS) the operation of the amplifier will be fully bidirectional and
symmetrical around 0V differential at the input pins. The signal at the output will follow this voltage difference
multiplied by the gain and at an offset voltage at the output of half VS.
Example:
With 5V supply and a gain of 20x, a differential input signal of +10mV will result in 2.7V at the output pin.
similarly -10mV at the input will result in 2.3V at the output pin.
NOTE
The OFFSET pin has to be driven from a very low-impedance source (<10
Ω). This is
because the OFFSET pin internally connects directly to the resistive feedback networks of
the two gain stages. When the OFFSET pin is driven from a relatively large impedance
(e.g. a resistive divider between the supply rails) accuracy will decrease.
POWER SUPPLY DECOUPLING
In order to decouple the LMP8601/LMP8601Q from AC noise on the power supply, it is recommended to use a
0.1 µF bypass capacitor between the VS and GND pins. This capacitor should be placed as close as possible to
the supply pins. In some cases an additional 10 µF bypass capacitor may further reduce the supply noise.
DRIVING SWITCHED CAPACITIVE LOADS
Some ADCs load their signal source with a sample and hold capacitor. The capacitor may be discharged prior to
being connected to the signal source. If the LMP8601/LMP8601Q is driving such ADCs the sudden current that
should be delivered when the sampling occurs may disturb the output signal. This effect was simulated with the
circuit shown in Figure 37 where the output is to a capacitor that is driven by a rail to rail square wave.
Figure 37. Driving Switched Capacitive Load
This circuit simulates the switched connection of a discharged capacitor to the LMP8601/LMP8601Q output. The
resulting VOUT disturbance signals are shown in Figure 38 andFigure 39.
Figure 38. Capacitive Load Response at 3.3V
Figure 39. Capacitive Load Response at 5.0V
These figures can be used to estimate the disturbance that will be caused when driving a switched capacitive
load. To minimize the error signal introduced by the sampling that occurs on the ADC input, an additional RC
filter can be placed in between the LMP8601/LMP8601Q and the ADC as illustrated in Figure 40.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP8601 LMP8601-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com