Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601QMA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601QMA/NOPB
Description  60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601QMA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP8601QMA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LMP8601, LMP8601-Q1
www.ti.com
SNOSAR2E – SEPTEMBER 2008 – REVISED MARCH 2013
3.3V Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured at TA = 25°C, VS = 3.3V, GND = 0V, -4V ≤ VCM ≤ 27V, and RL = ∞, Offset (Pin 7)
is grounded, 10nF between VS and GND. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(3)
Max(2)
Unit
Overall Performance (From -IN (pin 1) and +IN (pin 8) to OUT (pin 5) with pins A1 (pin 3) and A2 (pin 4) connected)
IS
Supply Current
0.6
1
1.3
mA
AV
Total Gain
19.9
20
20.1
V/V
Gain Drift (4)
-40°C
≤ TA ≤ 125°C
-2.7
±20
ppm/°C
SR
Slew Rate (5)
VIN = ±0.165V
0.4
0.7
V/
μs
BW
Bandwidth
50
60
kHz
VOS
Input Offset Voltage
VCM = VS / 2
0.15
±1
mV
TCVOS
Input Offset Voltage Drift (6)
-40°C
≤ TA ≤ 125°C
2
±10
μV/°C
en
Input Referred Voltage Noise
0.1 Hz - 10 Hz, 6 Sigma
16.4
μVP-P
Spectral Density, 1 kHz
830
nV/
√Hz
PSRR
Power Supply Rejection Ratio
DC, 3.0V
≤ VS ≤ 3.6V, VCM = VS/2
70
86
dB
Mid-scale Offset Scaling Accuracy
±0.15
±0.5
%
Input Referred
±0.413
mV
Preamplifier (From input pins -IN (pin 1) and +IN (pin 8) to A1 (pin 3))
RCM
Input Impedance Common Mode
-4V
≤ VCM ≤ 27V
250
295
350
k
Ω
RDM
Input Impedance Differential Mode
-4V
≤ VCM ≤ 27V
500
590
700
k
Ω
VOS
Input Offset Voltage
VCM = VS / 2
±0.15
±1
mV
DC CMRR DC Common Mode Rejection Ratio
-2V
≤ VCM ≤ 24V
86
96
dB
AC CMRR AC Common Mode Rejection Ratio (7)
f = 1 kHz
80
94
dB
f = 10 kHz
85
CMVR
Input Common Mode Voltage Range
for 80 dB CMRR
-4
27
V
A1V
Gain (4)
9.95
10.0
10.05
V/V
RF-INT
Output Impedance Filter Resistor
99
100
101
k
Ω
TCRF-INT
Output Impedance Filter Resistor Drift
±5
±50
ppm/°C
A1 VOUT
A1 Output Voltage Swing
VOL
RL = ∞
2
10
mV
VOH
3.2
3.25
V
Output Buffer (From A2 (pin 4) to OUT( pin 5 ))
VOS
Input Offset Voltage
0V
≤ VCM ≤ VS
-2
2
±0.5
mV
-2.5
2.5
A2V
Gain (4)
1.99
2
2.01
V/V
IB
Input Bias Current of A2 (8),
-40
fA
±20
nA
A2 VOUT
A2 Output Voltage Swing (9) (10)
VOL
RL = 100 kΩ
4
20
mV
VOH
3.28
3.29
V
(1)
The electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
ensured.
(2)
Datasheet min/max specification limits are ensured by test.
(3)
Typical values represent the most likely parameter norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Both the gain of the preamplifier A1V and the gain of the buffer amplifier A2V are measured individually. The over all gain of both
amplifiers AV is also measured to assure the gain of all parts is always within the AV limits
(5)
Slew rate is the average of the rising and falling slew rates.
(6)
Offset voltage drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(7)
AC Common Mode Signal is a 5VPP sine-wave (0V to 5V) at the given frequency.
(8)
Positive current corresponds to current flowing into the device
(9)
For this test input is driven from A1 stage.
(10) For VOL, RL is connected to VS and for VOH, RL is connected to GND.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP8601 LMP8601-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com