Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601QMA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601QMA/NOPB
Description  60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601QMA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP8601QMA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Charger
load
+
-
+3.3V
24V
48V
+
-
+
-
48V
Inductive
Load
Inductive
Load
+5V
IC
IL
IB
+5V
S
D
G
S
D
G
LMP8601, LMP8601-Q1
www.ti.com
SNOSAR2E – SEPTEMBER 2008 – REVISED MARCH 2013
60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
Check for Samples: LMP8601, LMP8601-Q1
1
FEATURES
DESCRIPTION
The LMP8601 and LMP8601Q are fixed 20x gain
2
•
Unless Otherwise Noted, Typical Values at TA
precision amplifiers. The part will amplify and filter
= 25°C, VS = 5.0V, Gain = 20x
small differential signals in the presence of high
–
TCVOS 10μV/°C Max
common mode voltages. The input common mode
–
CMRR 90 dB Min
voltage range is –22V to +60V when operating from a
single 5V supply. With 3.3V supply, the input
–
Input offset voltage 1 mV Max
common mode voltage range is from –4V to +27V.
–
CMVR at VS = 3.3V -4V to 27V
The LMP8601 and LMP8601Q are members of the
–
CMVR at VS = 5.0V -22V to 60V
Linear Monolithic Precision (LMP®) family and are
ideal parts for unidirectional and bidirectional current
–
Operating Ambient Temperature Range -
sensing applications. All parameter values of the part
40°C to 125°C
that are shown in the tables are 100% tested and all
–
LMP8601Q Available in Automotive AEC-
bold values are also 100% tested over temperature.
Q100 Grade 1 Qualified Version
The part has a precise gain of 20x which is adequate
–
Single-Supply Bidirectional Operation
in most targeted applications to drive an ADC to its
–
All Min / Max Limits 100% Tested
full scale value. The fixed gain is achieved in two
separate stages, a preamplifier with a gain of 10x and
APPLICATIONS
an output stage buffer amplifier with a gain of 2x. The
connection between the two stages of the signal path
•
High-Side and Low-Side Driver Configuration
is brought out on two pins to enable the possibility to
Current Sensing
create an additional filter network around the output
•
Bidirectional Current Measurement
buffer amplifier. These pins can also be used for
alternative
configurations
with
different
gain
as
•
Current Loop to Voltage Conversion
described in Application Information.
•
Automotive Fuel Injection Control
•
Transmission Control
•
Power Steering
•
Battery Management Systems
Typical Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8601QMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8601QMA/NOPB TI1-LMP8601QMA/NOPB Datasheet
1Mb / 42P
Current-Sensing Amplifiers
More results

Similar Description - LMP8601QMA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8601 TI-LMP8601_15 Datasheet
1Mb / 33P
LMP8601, LMP8601-Q1 60-V Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
Common-Mode Bidirectional Precision Current-Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com