Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8021
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADA4895-2
Rev. 0 | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±2.5 V, G = +10, RF = 249 Ω, RL = 1 kΩ to midsupply, unless otherwise noted.
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 200mV p-p
VS = ±5.0V
VS = ±1.5V
VS = ±2.5V
Figure 5. Small Signal Frequency Response vs. Supply Voltage
–10
–8
–6
–4
–2
0
2
4
6
8
0.1
1
10
100
1000
FREQUENCY (MHz)
G = –10
G = +10
RF = 1kΩ
VOUT = 200mV p-p
G = –20
Figure 6. Small Signal Frequency Response vs. Gain
–5
–4
–3
–2
–1
0
1
2
3
4
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 200mV p-p
+25°C
+125°C
–40°C
Figure 7. Small Signal Frequency Response vs. Temperature
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
VS = ±1.5V
VS = ±5.0V
VS = ±2.5V
Figure 8. Large Signal Frequency Response vs. Supply Voltage
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
FREQUENCY (MHz)
RF = 1kΩ
VOUT = 2V p-p
G = +10
G = –10
G = –20
Figure 9. Large Signal Frequency Response vs. Gain
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 100mV p-p
VOUT = 400mV p-p
VOUT = 2V p-p
VOUT = 1V p-p
Figure 10. Frequency Response for Various Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com