Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8021
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices AD8021 Datasheet HTML 20Page - Analog Devices AD8021 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADA4895-2
Rev. 0 | Page 17 of 24
THEORY OF OPERATION
AMPLIFIER DESCRIPTION
The ADA4895-2 amplifier has an input noise of 1 nV/√Hz and
consumes 2.8 mA from supply voltages of 3 V to 10 V. Using the
Analog Devices XFCB3 process, the ADA4895-2 has a gain band-
width product in excess of 1.5 GHz and is gain ≥ 10 stable, with
an input structure that results in an extremely low input 1/f noise
for a relatively high speed amplifier.
The rail-to-rail output stage is designed to drive the heavy feed-
back load required to achieve an overall low output referred noise.
The low input noise and high bandwidth of the ADA4895-2 are
achieved with minimal power penalty. For this reason, the maxi-
mum offset voltage of 350 µV and voltage drift of 0.15 µV/°C
make the ADA4895-2 an excellent choice, even when the low
noise performance of the amplifier is not needed.
For any gain greater than 10, the closed-loop frequency response
of a basic noninverting configuration can be approximated by
Closed-Loop −3 dB Frequency = (GBP) × (
)
G
F
G
R
R
R
+
For inverting gain configurations, the source impedance must
be considered when sizing RG to maintain the minimum stable
gain. For gains lower than 10, see the Using the ADA4895-2 at a
Gain < +10 section, or use the ADA4897-2, which is a unity-gain
stable amplifier with 230 MHz bandwidth.
INPUT PROTECTION
The ADA4895-2 is fully protected from ESD events and can with-
stand human body model ESD events of 2.5 kV and charged-device
model events of 1 kV with no measured performance degradation.
The precision input is protected with an ESD network between the
power supplies and diode clamps across the input device pair, as
shown in Figure 37.
+IN
ESD
ESD
–VS
+VS
BIAS
TO THE REST OF THE AMPLIFIER
–IN
ESD
ESD
Figure 37. Input Stage and Protection Diodes
At differential voltages above approximately 0.7 V, the diode
clamps begin to conduct. Too much current can cause damage
due to excessive heating. If large differential voltages must be
sustained across the input terminals, it is recommended that the
current through the input clamps be limited to less than 10 mA.
Series input resistors that are sized appropriately for the expected
differential overvoltage provide the needed protection.
The ESD clamps begin to conduct at input voltages that are more
than 0.7 V above the positive supply or more than 0.7 V below
the negative supply. If an overvoltage condition is expected, it is
recommended that the fault current be limited to less than 10 mA.
DISABLE OPERATION
Figure 38 shows the ADA4895-2 power-down circuitry. If the
DISABLEx pin is left unconnected, the base of the input PNP
transistor is pulled high through the internal pull-up resistor
to the positive supply and the part is turned on. Pulling the
DISABLEx pin more than 2 V below the positive supply turns
the part off, reducing the supply current to approximately 50 µA
for a 5 V voltage supply.
+VS
–VS
DISABLEx
ESD
ESD
IBIAS
TO
AMPLIFIER
BIAS
Figure 38. DISABLEx Circuit
The DISABLEx pin is protected by ESD clamps, as shown in
Figure 38. Voltages beyond the power supplies cause these diodes
to conduct. For protection of the DISABLEx pins, the voltage to
these pins should not exceed 0.7 V beyond the supply voltage, or
the input current should be restricted to less than 10 mA with a
series resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com