Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6103C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6103C
Description  1 Amp Adjustable Positive Step-down Integrated Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6103C Datasheet(HTML) 2 Page - Texas Instruments

  PT6103C Datasheet HTML 1Page - Texas Instruments PT6103C Datasheet HTML 2Page - Texas Instruments PT6103C Datasheet HTML 3Page - Texas Instruments PT6103C Datasheet HTML 4Page - Texas Instruments PT6103C Datasheet HTML 5Page - Texas Instruments PT6103C Datasheet HTML 6Page - Texas Instruments PT6103C Datasheet HTML 7Page - Texas Instruments PT6103C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.2
0.4
0.6
0.8
1
16
18
20
22
24
26
28
30
32
34
36
38
0
0.2
0.4
0.6
0.8
1
9
121518212427
(n
0
0.2
0.4
0.6
0.8
1
9
1215
18212427
30333639
PT6102, 3.3 VDC
(See Note 1)
PT6101, 5.0 VDC
(See Note 1)
PT6103, 12.0 VDC
(See Note 1)
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
85°C
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
9.0V
12.0V
15.0V
18.0V
26.0V
Vin
85°C
70°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
38.0V
30.0V
24.0V
20.0V
16.0V
Vin
0
20
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
9.0V
12.0V
18.0V
24.0V
30.0V
38.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.2
0.4
0.6
0.8
1
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
26.0V
18.0V
15.0V
12.0V
9.0V
Vin
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.2
0.4
0.6
0.8
1
26.0V
18.0V
15.0V
12.0V
9.0V
Vin
0
50
100
150
200
250
300
350
400
0
0.2
0.4
0.6
0.8
1
38.0V
30.0V
24.0V
20.0V
16.0V
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
16.0V
20.0V
24.0V
30.0V
38.0V
70°C
50°C
70°C
85°C
60°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT6100 Series
1 Amp Adjustable Positive Step-down
Integrated Switching Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com