Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6103C Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6103C
Description  1 Amp Adjustable Positive Step-down Integrated Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6103C Datasheet(HTML) 5 Page - Texas Instruments

  PT6103C Datasheet HTML 1Page - Texas Instruments PT6103C Datasheet HTML 2Page - Texas Instruments PT6103C Datasheet HTML 3Page - Texas Instruments PT6103C Datasheet HTML 4Page - Texas Instruments PT6103C Datasheet HTML 5Page - Texas Instruments PT6103C Datasheet HTML 6Page - Texas Instruments PT6103C Datasheet HTML 7Page - Texas Instruments PT6103C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Using the Inhibit Function on Power Trends’
Wide Input Range Bus ISRs
For applications requiring output voltage On/Off con-
trol, the 12pin ISR products incorporate an inhibit function.
The function has uses in areas such as battery conservation,
power-up sequencing, or any other application where the
regulated output from the module is required to be switched
off. The On/Off function is provided by the Pin 1 (Inhibit)
control.
The ISR functions normally with Pin 1 open-circuit,
providing a regulated output whenever a valid source voltage
is applied to V
in, (pins 2, 3, & 4). When a low-level
2 ground
signal is applied to Pin 1, the regulator output will be dis-
abled.
Figure 1 shows an application schematic, which details
the typical use of the Inhibit function. Note the discrete
transistor (Q1). The Inhibit control has its own internal
pull-up with a maximum open-circuit voltage of 8.3VDC.
Only devices with a true open-collector or open-drain out-
put can be used to control this pin. A discrete bipolar
transistor or MOSFET is recommended.
Equation 1 may be used to determine the approximate
current drawn by Q1 when the inhibit is active.
Equation 1
I
stby
=V
in ÷ 155kΩ
± 20%
Notes:
1. The Inhibit control logic is similar for all Power Trends’
modules, but the flexibility and threshold tolerances will be
different. For specific information on the inhibit function
of other ISR models, consult the applicable application
note.
2. Use only a true open-collector device (preferably a discrete
transistor) for the Inhibit input. Do Not use a pull-up
resistor, or drive the input directly from the output of a
TTL or other logic gate. To disable the output voltage,
the control pin should be pulled low to less than +1.5VDC.
3. When the Inhibit control pin is active, i.e. pulled low, the
maximum allowed input voltage is limited to +30Vdc.
4. Do not control the Inhibit input with an external DC
voltage. This will lead to erratic operation of the ISR and
may over-stress the regulator.
5. Avoid capacitance greater than 500pF at the Inhibit control
pin. Excessive capacitance at this pin will cause the ISR to
produce a pulse on the output voltage bus at turn-on.
6. Keep the On/Off transition to less than 10
µs. This
prevents erratic operation of the ISR, which can cause a
momentary high output voltage.
C2
100
µF
+
C1, 1
µF
(Optional)
V
out
COM
V
in
COM
Inh
Q1
BSS138
PT6100/6210/6300
9,10,11
12
5,6,7,8
2,3,4
Vin
V o
G N D
Vo(adj)
1
Inh*
Figure 1
Turn-On Time:
The output of the ISR is enabled automatically
when external power is applied to the input. The Inhibit control
pin is pulled high by its internal pull-up resistor. The ISR
produces a fully regulated output voltage within 1-msec of
either the release of the Inhibit control pin, or the application
of power. The actual turn-on time will vary with the input
voltage, output load, and the total amount of capacitance con-
nected to the output Using the circuit of Figure 1, Figure 2
shows the typical rise in output voltage for the PT6101 follow-
ing the turn-off of Q1 at time t =0. The waveform was
measured with a 9Vdc input voltage, and 5-Ohm resistive load.
Figure 2
0
1
2
3
4
5
6
-0.2
0
0.2
0.4
0.6
0.8
1
t (milli-secs)
PT6100/6210/6300 Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com