Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PATT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PATT
Description  Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PATT Datasheet(HTML) 3 Page - Vishay Siliconix

  PATT Datasheet HTML 1Page - Vishay Siliconix PATT Datasheet HTML 2Page - Vishay Siliconix PATT Datasheet HTML 3Page - Vishay Siliconix PATT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PATT
www.vishay.com
Vishay Dale Thin Film
Revision: 17-Sep-13
3
Document Number: 60124
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Characteristic TCR - (R < 10
)
(2) Preferred packaging code
Note
(3) Resistance values from 2.75
 to 10  are undergoing PPAP qualification; results are expected to be similar to PPAP qualified 10  to 120
k
.
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PATT0603E1002BST1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PATT
0603
E = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C (1)
L = ± 200 ppm/°C
The first 3 digits are
significant figures and
the last digit specifies
the number of zeros
to follow. “R”
designates the
decimal point.
Example:
10R0 = 10
1000 = 100
1002 = 10 k
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
G = Wraparound
gold over nickel
barrier
TAPE AND REEL
T1 = 1000 min., 1000 mult (2)
TF = Full reel
TS = 100 min., 1 mult
RESISTANCE
TCR
(ppm/°C)
TOLERANCE
(%)
10
 to 120 k
25, 50, 100, 200
0.1, 0.5, 1, 2, 5
5
 to 10  (2)
100, 200
1, 2, 5
2.75
 to 5  (2)
200
1, 2, 5
03
E
1
0
2
B
0
0
GT
1
T
PA
6
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com