Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PATT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PATT
Description  Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PATT Datasheet(HTML) 1 Page - Vishay Siliconix

  PATT Datasheet HTML 1Page - Vishay Siliconix PATT Datasheet HTML 2Page - Vishay Siliconix PATT Datasheet HTML 3Page - Vishay Siliconix PATT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PATT
www.vishay.com
Vishay Dale Thin Film
Revision: 17-Sep-13
1
Document Number: 60124
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Automotive High Temperature (155 °C at full
rated power) Thin Film Chip Resistor, AEC-Q200 Qualified
The terminations consist of an adhesion layer, a leach
resistant nickel barrier and gold plating compatible with high
temperature solder systems.
CONSTRUCTION
FEATURES
• Resistance range: 2.75
 to 120 k
• AEC-Q200 qualified, table 7F
• AEC-Q200 qualified, ESD rated class 1C (2 kV)
• Laser trimmed to any value
• Intrinsic moisture protected resistor element
• Moisture resistant to MIL-STD-202, method 106
• Tantalum nitride resistor film on
alumina
substrate
• 100 % visual inspected per MIL-PRF-55342
• Laser-trimmed tolerances to ± 0.1 %
• Load life stability 0.2 % at 1000 h at 155 °C and 100 %
rated power
• Very low noise and voltage coefficient
(< - 30 dB, < 0.1 ppm/V)
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
Note
(1) Storage temperature rating is for device only.
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Gold
Passivation
Tantalum Nitride
Resistive Film
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tantalum nitride
-
Resistance Range
2.75
 to 120 k
-
TCR: Absolute
± 25 ppm/°C to ± 100 ppm/°C
- 55 °C to + 175 °C
Tolerance: Absolute
± 0.1 % to ± 1.0 %
+ 25 °C
Stability: Absolute
± 0.05 %
0.2 % at 1000 h at 155 °C
and 100 % rated power
Stability: Ratio
Not applicable
-
Voltage Coefficient
Less than 0.1 ppm/V
-
Working Voltage
75 V
-
Operating Temperature Range
- 55 °C to + 250 °C
-
Storage Temperature Range (1)
- 55 °C to + 250 °C
-
Noise
< - 30 dB
-
Shelf Life Stability: Absolute
100 ppm
1 year at 25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
0603
150
75
2.75 to 120K


Similar Part No. - PATT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PATT VISHAY-PATT Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
08-Mar-2021
PATT VISHAY-PATT Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
14-Mar-2019
PATT0402E1000BGBS VISHAY-PATT0402E1000BGBS Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
14-Mar-2019
PATT0402E1000BGT0 VISHAY-PATT0402E1000BGT0 Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
14-Mar-2019
PATT0402E1000BGT1 VISHAY-PATT0402E1000BGT1 Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
14-Mar-2019
More results

Similar Description - PATT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAT VISHAY-PAT Datasheet
88Kb / 3P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
25-Aug-10
PAT VISHAY-PAT_15 Datasheet
104Kb / 4P
Precision Automotive Thin Film Chip Resistors,AEC-Q200 Qualified, 2 kV ESD Rating
07-Sep-15
AORN VISHAY-AORN Datasheet
101Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
24-Feb-15
NOMCA VISHAY-NOMCA Datasheet
107Kb / 5P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
24-Feb-12
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
PATT VISHAY-PATT_V01 Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
08-Mar-2021
PAT VISHAY-PAT_V01 Datasheet
107Kb / 4P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, Hi-Rel COTS
28-Jun-2021
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
logo
Stackpole Electronics, ...
MLFA SEI-MLFA Datasheet
859Kb / 12P
Metal Film Melf Resistor - AEC-Q200 Qualified
7/29/2022
logo
Vishay Siliconix
AORN VISHAY-AORN_V01 Datasheet
96Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
06-Apr-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com