Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675IPHPR Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC5675IPHPR
Description  14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675IPHPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5675IPHPR Datasheet HTML 2Page - Texas Instruments DAC5675IPHPR Datasheet HTML 3Page - Texas Instruments DAC5675IPHPR Datasheet HTML 4Page - Texas Instruments DAC5675IPHPR Datasheet HTML 5Page - Texas Instruments DAC5675IPHPR Datasheet HTML 6Page - Texas Instruments DAC5675IPHPR Datasheet HTML 7Page - Texas Instruments DAC5675IPHPR Datasheet HTML 8Page - Texas Instruments DAC5675IPHPR Datasheet HTML 9Page - Texas Instruments DAC5675IPHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
6
www.ti.com
detailed description (continued)
digital inputs
The DAC5675 comprises a low voltage differential signaling (LVDS) bus input interface. The LVDS features a
low differential voltage swing with low constant power consumption (~4 mA per complementary data input)
across frequency. The differential characteristic of LVDS allows for high-speed data transmission with low
electromagnetic interference (EMI) levels. The LVDS input minimum and maximum input threshold table lists
the LVDS input levels. Figure 2 shows the equivalent complementary digital input interface for the DAC5675,
valid for pins D[13..0]A and D[13..0]B. Note that the LVDS interface features internal 110-
Ω resistors for proper
termination. Figure 3 shows the LVDS input timing measurement circuit and waveforms. A common mode level
of 1.2 V and a differential input swing of 0.8 V is applied to the inputs.
Internal
Digital In
D[13:0]A
D[13:0]B
AGND
AVDD
Internal
Digital In
D[13:0]A
D[13:0]B
DAC5675
DAC5675
100-
Ω
Termination
Resistor
Figure 2. LVDS Digital Equivalent Input
VB
VA
VA,B
1.4 V
1 V
0.4 V
−0.4 V
0 V
Logical Bit
Equivalent
0
1
AGND
AVDD
DAC5675
V
COM +
V
A ) VB
2
VB
VA
VA,B
Figure 3. LVDS Timing Test Circuit and Input Test Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com