Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675IPHPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC5675IPHPR
Description  14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675IPHPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5675IPHPR Datasheet HTML 9Page - Texas Instruments DAC5675IPHPR Datasheet HTML 10Page - Texas Instruments DAC5675IPHPR Datasheet HTML 11Page - Texas Instruments DAC5675IPHPR Datasheet HTML 12Page - Texas Instruments DAC5675IPHPR Datasheet HTML 13Page - Texas Instruments DAC5675IPHPR Datasheet HTML 14Page - Texas Instruments DAC5675IPHPR Datasheet HTML 15Page - Texas Instruments DAC5675IPHPR Datasheet HTML 16Page - Texas Instruments DAC5675IPHPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
13
www.ti.com
analog current outputs (continued)
Figure 13(a) shows the typical differential output configuration with two external matched resistor loads. The
nominal resistor load of 25
Ω gives a differential output swing of 1 VPP (0.5-VPP single-ended) when applying
a 20-mA full-scale output current. The output impedance of the DAC5675 slightly depends on the output voltage
at nodes IOUT1 and IOUT2. Consequently, for optimum dc-integral nonlinearity, the configuration of
Figure 13(b) should be chosen. In this current/voltage (I-V) configuration, terminal IOUT1 is kept at AVDD by
the inverting operational amplifier. The complementary output should be connected to AVDD to provide a
dc-current path for the current sources switched to IOUT1. The amplifier’s maximum output swing and the DACs
full-scale output current determine the value of the feedback resistor (RFB). The capacitor (CFB) filters the steep
edges of the DAC5675 current output, thereby reducing the operational amplifier’s slew-rate requirements. In
this configuration, the op amp should operate at a supply voltage higher than the resistors output reference
voltage AVDD due to its positive and negative output swing around AVDD. Node IOUT1 should be selected if
a single-ended unipolar output is desired.
DAC5675
3.3 V
(AVDD)
25
Ω
25
Ω
3.3 V
(AVDD)
VOUT1
VOUT2
Optional, For
Single-Ended
Output Referred
to AVDD
DAC5675
3.3 V
(AVDD)
+
−
VOUT
200
Ω
Cfb
IOUT1
IOUT2
IOUT1
IOUT2
(a) Unbuffered Differential and
Single-Ended Resistor and Buffered
(b) Buffered Single-Ended Output Configuration
Figure 13. Output Configurations
sleep mode
The DAC5675 features a power-down mode that turns off the output current and reduces the supply current
to approximately 45 mA. The power-down mode is activated by applying a logic level 1 to the SLEEP pin (e.g.,
by connecting the SLEEP pin to the AVDD pin). The SLEEP pin must be connected. Power-up and power-down
activation times depend on the value of the external capacitor at node SLEEP. For a nominal capacitor value
of 0.1-
µF, powerdown takes less than 5 µs and approximately 3 ms to power back up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com