Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706APAP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5706APAP Datasheet HTML 35Page - Texas Instruments TAS5706APAP Datasheet HTML 36Page - Texas Instruments TAS5706APAP Datasheet HTML 37Page - Texas Instruments TAS5706APAP Datasheet HTML 38Page - Texas Instruments TAS5706APAP Datasheet HTML 39Page - Texas Instruments TAS5706APAP Datasheet HTML 40Page - Texas Instruments TAS5706APAP Datasheet HTML 41Page - Texas Instruments TAS5706APAP Datasheet HTML 42Page - Texas Instruments TAS5706APAP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
I
2C SERIAL CONTROL COMMAND CHARACTERISTICS
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
The DAP has two groups of I2C commands. One set is commands that are designed specifically to be operated
while audio is streaming and that have built-in mechanisms to prevent noise, clicks, and pops. The other set
does not have this built-in protection.
Commands that are designed to be adjusted while audio is streaming:
• Master volume
• Master mute
• Individual channel volume
• Individual channel mute
Commands that are normally issued as part of initialization:
• Serial data interface format
• De-emphasis
• Sample-rate conversion
• Input multiplexer
• Output multiplexer
• Biquads
• Down mix
• Channel delay
• Enable/disable dc blocking
• Hard/soft unmute from clock error
• Enable/disable headphone outputs
Start-up sequence for correct device operation
This sequence must be followed to ensure proper operation.
1. Hold ALL logic inputs low. Power up AVDD/DVDD and wait for the inputs to settle in the allowed range.
2. Drive PDN = 1, MUTE = 1, and drive other logic inputs to the desired state.
3. Provide a stable MCLK, LRCLK, and SCLK (clock errors must be avoided during the initialization sequence) .
4. After completing step 3, wait 100
µs, then drive RESET = 1, and wait 13.5 ms after RESET goes high.
5. Trim the internal oscillator (write 0x00 to register 0x1B).
6. Wait 50 ms while the part acquires lock.
7. Configure the DAP via I2C, e.g.:
–
Downmix control (0x21)
–
Biquads (0x23–0x24 and 0x29–0x38)
–
DRC parameters and controls (0x3A–0x46)
–
Bank select (0x50)
NOTE: User may not issue any I2C reads or writes to the above registers after this step is complete.
8. Configure remaining I2C registers, e.g.:
–
Shutdown group
–
De-emphasis
–
Input multiplexers
–
Output multiplexers
–
Channel delays
–
DC blocking
–
Hard/soft unmute from clock error
–
Serial data interface format
–
Clock register (manual clock mode only)
NOTE: The BKND_ERR register (0x1C) can only be written once with a value that is not reserved (00
and 01 are reserved values).
9. Exit all-channel shutdown (write 0 to bit 6 of register 0x05).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com