Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706APAP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAP Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS5706APAP Datasheet HTML 48Page - Texas Instruments TAS5706APAP Datasheet HTML 49Page - Texas Instruments TAS5706APAP Datasheet HTML 50Page - Texas Instruments TAS5706APAP Datasheet HTML 51Page - Texas Instruments TAS5706APAP Datasheet HTML 52Page - Texas Instruments TAS5706APAP Datasheet HTML 53Page - Texas Instruments TAS5706APAP Datasheet HTML 54Page - Texas Instruments TAS5706APAP Datasheet HTML 55Page - Texas Instruments TAS5706APAP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
OSCILLATOR TRIM REGISTER (0x1B)
Oscillator Trim Enable Procedure Example
BKND_ERR REGISTER (0x1C)
TAS5706A
TAS5706B
SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com
The TAS5706A PWM processor contains an internal oscillator for PLL reference. This reduces system cost
because an external reference is not required. Currently, TI recommends a trim resistor value of 18.2 k
Ω (1%).
This should be connected between OSC_RES and DVSS.
The factory-trim procedure simply enables the factory trim that was previously done at the factory.
Note that trim always must be run following reset of the device.
Write data 0x00 to register 0x1B (enable factory trim).
Table 17. Oscillator Trim Register (0x1B)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
–
–
–
–
–
Reserved (1)
–
0
–
–
–
–
–
–
Oscillator trim not done (read-only) (1)
–
1
–
–
–
–
–
–
Oscillator trim done (read only)
–
–
0
0
0
0
–
–
Reserved (1)
–
–
–
–
–
–
0
–
Select factory trim (Write a 0 to select factory trim; default is 1.)
–
–
–
–
–
–
1
–
Factory trim disabled (1)
–
–
–
–
–
–
–
0
Reserved (1)
(1)
Default values are in bold.
When a back-end error signal is received (BKND_ERR = LOW), all the output stages are reset by setting all
PWM, VALID1, and VALID2 signals LOW. Subsequently, the modulator waits approximately for the time listed in
Table 18 before initiation of a reset.
Table 18. BKND_ERR Register (0x1C)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
0
0
0
0
Set back-end reset period to 0 ms (Reserved)
–
–
–
–
0
0
0
1
Set back-end reset period to 150 ms (Reserved)
–
–
–
–
0
0
1
0
Set back-end reset period to 299 ms (1)
–
–
–
–
0
0
1
1
Set back-end reset period to 449 ms
–
–
–
–
0
1
0
0
Set back-end reset period to 598 ms
–
–
–
–
0
1
0
1
Set back-end reset period to 748 ms
–
–
–
–
0
1
1
0
Set back-end reset period to 898 ms
–
–
–
–
0
1
1
1
Set back-end reset period to 1047 ms
–
–
–
–
1
0
0
0
Set back-end reset period to 1197 ms
–
–
–
–
1
0
0
1
Set back-end reset period to 1346 ms
–
–
–
–
1
0
1
0
Set back-end reset period to 1496 ms
–
–
–
–
1
0
1
1
Set back-end reset period to 1496 ms
–
–
–
–
1
1
–
–
Set back-end reset period to 1496 ms
(1)
Default values are in bold.
52
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com