Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3115IPWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS3115IPWPR
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115IPWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS3115IPWPR Datasheet HTML 13Page - Texas Instruments THS3115IPWPR Datasheet HTML 14Page - Texas Instruments THS3115IPWPR Datasheet HTML 15Page - Texas Instruments THS3115IPWPR Datasheet HTML 16Page - Texas Instruments THS3115IPWPR Datasheet HTML 17Page - Texas Instruments THS3115IPWPR Datasheet HTML 18Page - Texas Instruments THS3115IPWPR Datasheet HTML 19Page - Texas Instruments THS3115IPWPR Datasheet HTML 20Page - Texas Instruments THS3115IPWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
0.205
(5,21)
0.060
(1,52)
0.013
(0,33)
0.017
(0,432)
0.025
(0,64)
0.094
(2,39)
0.040
(1,01)
0.035
(0,89)
0.075
(1,91)
0.010
vias
(0,254)
0.030
(0,76)
Pin1
TopView
P
=
DMax
T
T
-
max
A
q
JA
THS3112
THS3115
www.ti.com
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
PowerPAD™ Layout Considerations
transfer.
Therefore,
the
holes
under
the
THS3115/THS3112 PowerPAD package should
make the connection to the internal ground plane
with a complete connection around the entire
circumference of the plated-through hole.
6. The top-side solder mask should leave the
terminals of the package and the thermal pad
area with its five holes exposed. The bottom-side
solder mask should cover the five holes of the
thermal pad area. This configuration prevents
solder from being pulled away from the thermal
pad area during the reflow process.
7. Apply solder paste to the exposed thermal pad
area and all of the IC terminals.
8. With these preparatory steps in place, the IC is
simply placed in position and run through the
solder
reflow
operation
as
any
standard
surface-mount component. This procedure results
Dimensions are in inches (millimeters).
in a part that is properly installed.
Figure 51. DGN PowerPAD PCB Etch and Via
Power Dissipation and Thermal
Pattern
Considerations
Although there are many ways to properly heatsink
The THS3115 and THS3112 incorporate automatic
the PowerPAD package, the following steps illustrate
thermal shutoff protection. This protection circuitry
the recommended approach.
shuts down the amplifier if the junction temperature
exceeds approximately +160°C. When the junction
1. PCB with a top side etch pattern as shown in
temperature reduces to approximately +140°C, the
Figure 51.
amplifier turns on again. However, for maximum
2. Place five holes in the area of the thermal pad.
performance and reliability, the designer must take
These holes should be 0.01 inch (0,254 mm) in
care to ensure that the design does not exceed a
diameter. Keep them small so that solder wicking
junction temperature of +125°C. Between +125°C
through the holes is not a problem during reflow.
and +150°C, damage does not occur, but the
3. Additional vias may be placed anywhere along
performance of the amplifier begins to degrade and
the thermal plane outside of the thermal pad
long-term
reliability
suffers.
The
thermal
area.
These
vias
help
dissipate
the
heat
characteristics of the device are dictated by the
generated by the THS3115/THS3112 IC. These
package and the PCB. Maximum power dissipation
additional vias may be larger than the 0.01-inch
for a given package can be calculated using the
(0,254-mm) diameter vias directly under the
following formula.
thermal pad. They can be larger because they
are not in the thermal pad area to be soldered so
that wicking is not a problem.
4. Connect all holes to the internal ground plane.
where:
Note that the PowerPAD is electrically isolated
•
PDMax is the maximum power dissipation in the
from the silicon and all leads. Connecting the
amplifier (W)
PowerPAD to any potential voltage, such as VS–,
•
Tmax is the absolute maximum junction
is acceptable as there is no electrical connection
temperature (°C)
to the silicon.
•
TA is the ambient temperature (°C)
5. When connecting these holes to the ground
qJA = qJC + qCA
plane, do not use the typical web or spoke via
connection methodology. Web connections have
where:
a high thermal resistance connection that is
•
qJC is the thermal coefficient from the silicon
useful for slowing the heat transfer during
junctions to the case (°C/W)
soldering operations. This resistance makes the
•
qCA is the thermal coefficient from the case to
soldering of vias that have plane connections
ambient air (°C/W)
easier. In this application; however, low thermal
resistance is desired for the most efficient heat
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com