Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3115IPWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3115IPWPR
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115IPWPR Datasheet(HTML) 3 Page - Texas Instruments

  THS3115IPWPR Datasheet HTML 1Page - Texas Instruments THS3115IPWPR Datasheet HTML 2Page - Texas Instruments THS3115IPWPR Datasheet HTML 3Page - Texas Instruments THS3115IPWPR Datasheet HTML 4Page - Texas Instruments THS3115IPWPR Datasheet HTML 5Page - Texas Instruments THS3115IPWPR Datasheet HTML 6Page - Texas Instruments THS3115IPWPR Datasheet HTML 7Page - Texas Instruments THS3115IPWPR Datasheet HTML 8Page - Texas Instruments THS3115IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
THS3112
THS3115
www.ti.com
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
RECOMMENDED OPERATING CONDITIONS
MIN NOM
MAX
UNIT
Dual supply
±5
±15
Supply voltage, VCC+ to VCC–
V
Single supply
10
30
C-suffix
0
+70
Operating free-air temperature, TA
°C
I-suffix
–40
+85
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
DYNAMIC PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ±5 V
95
RL = 100Ω
RF = 1 kΩ, G = 1
VCC= ±15 V
110
Small-signal bandwidth (–3 dB)
VCC = ±5 V
103
RF = 750 Ω, G =
BW
RL = 100 Ω
MHz
2
VCC= ±15 V
110
VCC = ±5 V
25
Bandwidth (0.1 dB)
RF = 750 Ω, G = 2
VCC= ±15 V
48
VO= 10 VPP
VCC = ±15 V
1550
SR
Slew rate(1), G = 8
G = 2, RF = 680Ω
VCC = ±5 V
820
V/µs
VO = 5 VPP
VCC= ±15 V
1300
VO = 2 VPP
VCC = ±5 V
50
ts
Settling time to 0.1%
G = –1
ns
VO= 5 VPP
VCC = ±15 V
63
(1)
Slew rate is defined from the 25% to the 75% output levels.
NOISE/DISTORTION PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(PP) = 2 V
–78
G = 2, RF = 680 Ω, VCC= ±15 V,
f = 1 MHz
VO(PP) = 8 V
–75
THD
Total harmonic distortion
dBc
VO(PP)= 2 V
–76
G = 2, RF = 680 Ω, VCC= ±5 V,
f = 1 MHz
VO(PP)= 6 V
–74
Vn
Input voltage noise
VCC = ±5 V, ±15 V
f = 10 kHz
2.2
nV/
√Hz
Noninverting Input
2.9
In
Input current noise
VCC = ±5 V, ±15 V
f = 10 kHz
pA/
√Hz
Inverting Input
10.8
VCC = ±5 V
–67
Crosstalk
G = 2, f = 1 MHz, VO = 2 VPP
dBc
VCC= ±15 V
–67
VCC = ±5 V
0.01
G = 2, RL = 150 Ω
Differential gain error
%
VCC= ±15 V
0.01
40 IRE modulation
±100 IRE Ramp
VCC = ±5 V
0.011
Differential phase error
degrees
NTSC and PAL
VCC= ±15 V
0.011
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com