Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWH10104HVC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWH10104HVC
Description  Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10104HVC Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWH10104HVC Datasheet HTML 1Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 2Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 3Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 4Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 5Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC64−
Plastic Film Capacitors
■Rating & Dimensions
●Rated voltage : 1250 VDC Capacitance tolerance : ±3 %(H), ±5 %(J)
Suffix for lead crimped
Cap. tol. code
▲
▲
ød
ECWH12362
□V(
)
0.0036
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH12392
□V(
)
0.0039
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH12432
□V(
)
0.0043
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWH12472
□V(
)
0.0047
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWH12512
□V(
)
0.0051
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWH12562
□V(
)
0.0056
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH12622
□V(
)
0.0062
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH12682
□V(
)
0.0068
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH12752
□V(
)
0.0075
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH12822
□V(
)
0.0082
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWH12912
□V(
)
0.0091
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWH12103
□V(
)
0.010
18.0
8.0
15.0
20.0
15.0
10.0
0.80
ECWH12113
□V(
)
0.011
18.0
8.5
15.0
20.0
15.0
10.0
0.80
ECWH12123
□V(
)
0.012
18.0
8.5
15.5
20.5
15.0
10.0
0.80
ECWH12133
□V(
)
0.013
18.0
9.0
15.5
20.5
15.0
10.0
0.80
ECWH12153
□V(
)
0.015
18.0
9.5
16.0
21.0
15.0
10.0
0.80
ECWH12163
□V(
)
0.016
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH12183
□V(
)
0.018
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH12203
□V(
)
0.020
23.0
8.0
16.5
21.5
20.0
15.0
0.80
ECWH12223
□V(
)
0.022
23.0
8.5
16.5
21.5
20.0
15.0
0.80
ECWH12243
□V(
)
0.024
23.0
8.5
17.0
22.0
20.0
15.0
0.80
ECWH12273
□V(
)
0.027
23.0
9.0
17.5
22.5
20.0
15.0
0.80
ECWH12303
□V(
)
0.030
23.0
9.5
18.0
23.0
20.0
15.0
0.80
ECWH12333
□V(
)
0.033
23.0
10.0
18.5
23.5
20.0
15.0
0.80
ECWH12363
□V(
)
0.036
23.0
10.0
19.0
24.0
20.0
15.0
0.80
ECWH12393
□V(
)
0.039
23.0
10.5
19.5
24.5
20.0
15.0
0.80
ECWH12433
□V(
)
0.043
23.0
11.0
20.0
25.0
20.0
15.0
0.80
ECWH12473
□V(
)
0.047
23.0
11.5
20.5
25.5
20.0
15.0
0.80
ECWH12513
□V(
)
0.051
23.0
12.0
21.0
26.0
20.0
15.0
0.80
ECWH12563
□V(
)
0.056
28.0
11.5
20.0
25.0
25.0
17.5
0.80
ECWH12623
□V(
)
0.062
28.0
12.0
21.0
26.0
25.0
17.5
0.80
ECWH12683
□V(
)
0.068
28.0
12.5
21.5
26.5
25.0
17.5
0.80
ECWH12753
□V(
)
0.075
28.0
13.5
22.0
27.0
25.0
17.5
0.80
ECWH12823
□V(
)
0.082
28.0
14.0
22.5
27.5
25.0
17.5
0.80
ECWH12913
□V(
)
0.091
28.0
14.5
23.0
28.0
25.0
17.5
0.80
ECWH12104
□V(
)
0.10
28.0
15.5
24.0
29.0
25.0
17.5
0.80
Part No.
Dimensions (mm)
400
500
−
300
L max
T max
500
400
H max.
Straight Crimped lead Straight
F
Crimped lead
S
Cap.
(µF)
Taping
7.5 mm
Min. order Q'ty
Bulk
500
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com