Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWH10104HVC Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECWH10104HVC
Description  Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10104HVC Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECWH10104HVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 9Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 10Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 11Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 12Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 13Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-40
-20
0
20
40
60
80
100
ECWH(V) Type 1600VDC Series (Metallized Polypropylene Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
0.01uF
0.0047uF
0.047uF
0.0047u
0.01uF
0.047uF
0.0047uF
0.01uF
0.047uF
0.0047uF
0.01uF
0.047uF
0.0047uF
0.01uF
0.047uF
0.047uF
0.01uF
0.0047uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com