Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVTG1J331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVTG1J331M
Description  Aluminum Electrolytic Capacitors/ TG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1J331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVTG1J331M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TG
– EEE-50 –
A
±0.2
W
() Reference size
L
+
–
0.3 max.
Pressure Relief (
φ10 and larger)
100
TG
A
Capacitance (
µF)
Rated Voltage Mark
Series identification
Mark for Lead-Free
Products Black Dot
(Square)
Lot number
Negative polarity
marking (–)
1000
TG
A
Capacitance (
µF)
Rated Voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
■ Features
● Endurance:125 °C 1000 h to 2000 h
● Miniaturization (40 % less than TA Series)
● Low ESR (Low temp)
● Vibration-proof product is available upon request. (φ8 mm and larger)
● RoHS directive compliant (Parts No φ8 to φ10 : EEE✽, φ12.5 to φ18 : EEV✽)
Surface Mount Type
Series:
TG Type: V
■ Specifications
Category Temp. Range
–40 °C to +125 °C
Rated W.V. Range
10 V.DC to 100 V.DC
Nominal Cap. Range
10 µF to 4700 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV After 2 minutes
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
10
16
25
35
50
63
80
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
32222222
Z(–40 °C)/Z(+20 °C)
64433333
Endurance
After applying rated working voltage for 1000 hours (
φ8 6.2), 2000 hours (φ8 10.2<) at +125 °C±2 °C and then
being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±30 % of initial measured value (code U : ±35 %)
tan
δ
< 300 % of initial specified value (code U : ±350 %)
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +125 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
■ Dimensions in mm (not to scale)
■ Marking
Example : 10 V 100 µF, 10 V 1000 µF
Marking coloc : BLACK
Lead-Free products (
< φ10)
Lead-Free products (
> φ12.5)
Size
code
DL
A, B
H
I
W
P
K
E
8.0
6.2±0.3
8.3
9.5 max.
3.4
0.65±0.1
2.2
0.35 - 0.20
F
8.0
10.2±0.3
8.3
10.0 max.
3.4
0.90±0.2
3.1
0.70±0.20
G
10.0
10.2±0.3
10.3
12.0 max.
3.5
0.90±0.2
4.6
0.70±0.20
H13
12.5
13.5±0.5
13.5
15.0 max.
4.7
0.90±0.3
4.4
0.70±0.30
J16
16.0
16.5±0.5
17.0
19.0 max.
5.5
1.20±0.3
6.7
0.70±0.30
K16
18.0
16.5±0.5
19.0
21.0 max.
6.7
1.20±0.3
6.7
0.70±0.30
+ 0.15
Frequency (Hz)
120
1 k
10 k
100 k to
Correction factor
0.65
0.85
0.95
1.00
■ Frequency correction factor for ripple current
(Unit : mm)
A
10 V
C
16 V
E
25 V
V
35 V
Rated Voltage Mark
H
50 V
J
63 V
K
80 V
2A
100 V
00 Nov. 2012


Similar Part No. - EEVTG1J331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
73Kb / 5P
Aluminum Electrolytic Capacitor/TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
92Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
96Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
84Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
68Kb / 3P
Aluminum Electrolytic Capacitors
More results

Similar Description - EEVTG1J331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTG PANASONIC-EEVTG Datasheet
73Kb / 5P
Aluminum Electrolytic Capacitor/TG
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
logo
RFE international
TG470M1ATR050120 RFE-TG470M1ATR050120 Datasheet
117Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
logo
Panasonic Semiconductor
EEE-TG1E101UP PANASONIC-EEE-TG1E101UP Datasheet
211Kb / 4P
Aluminum Electrolytic Capacitors/ TG
EEE-TG1J101UP PANASONIC-EEE-TG1J101UP Datasheet
84Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEETG2A220UP PANASONIC-EEETG2A220UP Datasheet
92Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEV-TG1E102UM PANASONIC-EEV-TG1E102UM Datasheet
96Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEE-TG2A220UP PANASONIC-EEE-TG2A220UP Datasheet
84Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEV-TG1H331Q PANASONIC-EEV-TG1H331Q Datasheet
96Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEE-TG1A331UP PANASONIC-EEE-TG1A331UP Datasheet
96Kb / 3P
Aluminum Electrolytic Capacitors/ TG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com