Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVTG1J331M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVTG1J331M
Description  Aluminum Electrolytic Capacitors/ TG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1J331M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVTG1J331M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TG
– EEE-51 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+125 °C)
ESR
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
10
100
8
6.2
E
100
1.00
0.30
EEETG1A101P
(2)
1000
220
86.2
(E)
100
1.00
0.30
EEETG1A221UP
(2)
1000
810.2F
197
0.50
0.30
EEETG1A221P
(2)
500
330
810.2
(F)
197
0.50
0.30
EEETG1A331UP
(2)
500
10
10.2
G
270
0.30
0.30
EEETG1A331P
(2)
500
470
10
10.2
(G)
270
0.300.30
EEETG1A471UP
(2)
500
1000
12.5
13.5
H13
800
0.12
0.30
EEVTG1A102Q
(3)
200
1500
12.5
13.5
(H13)
800
0.12
0.30
EEVTG1A152UQ
(3)
200
2200
16
16.5
J16
1100
0.08
0.32
EEVTG1A222M
(3)
125
3300
16
16.5
(J16)
1100
0.08
0.34
EEVTG1A332UM
(3)
125
18
16.5
K16
1300
0.075
0.34
EEVTG1A332M
(3)
125
4700
18
16.5
K16
1300
0.075
0.36
EEVTG1A472M
(3)
125
16
100
8
10.2
F
197
0.50
0.23
EEETG1C101P
(2)
500
220
810.2
(F)
197
0.50
0.23
EEETG1C221UP
(2)
500
10
10.2
G
270
0.30
0.23
EEETG1C221P
(2)
500
330
10
10.2
(G)
270
0.30
0.23
EEETG1C331UP
(2)
500
12.5
13.5
H13
800
0.12
0.23
EEVTG1C331Q
(3)
200
470
12.5
13.5
H13
800
0.12
0.23
EEVTG1C471Q
(3)
200
680
12.5
13.5
H13
800
0.12
0.23
EEVTG1C681Q
(3)
200
1000
12.5
13.5
(H13)
800
0.12
0.23
EEVTG1C102UQ
(3)
200
16
16.5
J16
1100
0.08
0.23
EEVTG1C102M
(3)
125
2200
16
16.5
(J16)
1100
0.08
0.25
EEVTG1C222UM
(3)
125
18
16.5
K16
1300
0.075
0.25
EEVTG1C222M
(3)
125
3300
18
16.5
K16
1300
0.075
0.27
EEVTG1C332M
(3)
125
25
47
8
6.2
E
100
1.00
0.18
EEETG1E470P
(2)
1000
100
86.2
(E)
100
1.00
0.18
EEETG1E101UP
(2)
1000
810.2F
197
0.50
0.18
EEETG1E101P
(2)
500
220
810.2
(F)
197
0.50
0.18
EEETG1E221UP
(2)
500
10
10.2
G
270
0.30
0.18
EEETG1E221P
(2)
500
330
10
10.2
(G)
270
0.30
0.18
EEETG1E331UP
(2)
500
12.5
13.5
H13
800
0.12
0.18
EEVTG1E331Q
(3)
200
470
12.5
13.5
H13
800
0.120.18
EEVTG1E471Q
(3)
200
680
12.5
13.5
(H13)
800
0.12
0.18
EEVTG1E681UQ
(3)
200
16
16.5
J16
1100
0.08
0.18
EEVTG1E681M
(3)
125
1000
16
16.5
(J16)
1100
0.08
0.18
EEVTG1E102UM
(3)
125
18
16.5
K16
1300
0.075
0.18
EEVTG1E102M
(3)
125
2200
18
16.5
K16
1300
0.075
0.20
EEVTG1E222M
(3)
125
35
33
8
6.2
E
100
1.00
0.16
EEETG1V330P
(2)
1000
47
86.2
(E)
100
1.00
0.16
EEETG1V470UP
(2)
1000
810.2F
197
0.50
0.16
EEETG1V470P
(2)
500
100
810.2
(F)
197
0.50
0.16
EEETG1V101UP
(2)
500
10
10.2
G
270
0.30
0.16
EEETG1V101P
(2)
500
220
10
10.2
(G)
270
0.30
0.16
EEETG1V221UP
(2)
500
330
12.5
13.5
H13
800
0.12
0.16
EEVTG1V331Q
(3)
200
35
470
12.5
13.5
(H13)
800
0.12
0.16
EEVTG1V471UQ
(3)
200
16
16.5
J16
1100
0.08
0.16
EEVTG1V471M
(3)
125
680
16
16.5
(J16)
1100
0.08
0.16
EEVTG1V681UM
(3)
125
18
16.5
K16
1300
0.075
0.16
EEVTG1V681M
(3)
125
1000
18
16.5
K16
1300
0.075
0.16
EEVTG1V102M
(3)
125
✽Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P, Q, or M”
Endurance : 125 °C 1000 h (
φ8 10.2 < : 2000 h)
00 Nov. 2012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com