Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE75S28CD Datasheet(PDF) 1 Page - SL Power Electronics

Part # LE75S28CD
Description  Wide Range Universal Input 90-305 VAC, Constant Current Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE75S28CD Datasheet(HTML) 1 Page - SL Power Electronics

  LE75S28CD Datasheet HTML 1Page - SL Power Electronics LE75S28CD Datasheet HTML 2Page - SL Power Electronics LE75S28CD Datasheet HTML 3Page - SL Power Electronics LE75S28CD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LE75S-CD
75W Single Output
LED Driver Series
1
www.slpower.com
LE75S-CD REV 2.0 11-FEB-13
Features
High Efficiency (up to 91%)
Wide Range Universal Input 90-305 VAC
Active Power Factor Correction (0.99 typical)
Constant Current Output
Dimming Function
Lightning Protection
Waterproof (IP67)
Overcurrent, Overvoltage, Overtemperature
Protection
Meets UL8750 & EN61347 Safety
Compliant to ANSI/IEEE C62.41, Class A
3 Year Warranty
Description
The LE75S-CD Series are constant current mode LED Driver power supplies that operate from a wide range input
of 90 to 305Vac. These models provide up to 2.8A of output current, at a maximum output voltage of 108Vdc, at
up to 75W output power. The LE75S-CD series are highly efficient and highly reliable. Features include dimming
control, overvoltage protection, short circuit protection, and overtemperature protection.
Model Selection
Model
Output
Output
Efficiency*
Ripple &
Regulation
Overvoltage
Number
Current
Voltage
110Vac
220Vac
Noise**
Line
Load
Trip Level
LE75S28CD
2660mA-2940mA
13V – 27V
85%-87%
87%-89%
5% of Vo pk-pk
±
1%
±
3%
35V – 38V
LE75S140CD
1330mA-1470mA
27V – 54V
86%-88%
88%-90%
5% of Vo pk-pk
±
1%
±
3%
65V – 70V
LE75S70CD
665mA-735mA
54V – 108V
87%-89%
89%-91%
5% of Vo pk-pk
±
1%
±
3%
118V – 130V
Notes:
1. Efficiency measured at full load, at input voltage noted. Efficiency will be 2% lower if measured immediately after start-up.
2. Measured at 20MHz bandwidth, with noise probe directly across output terminals, and load terminated with 0.1µF ceramic and 10µF low ESR electrolytic
capacitors.
3. LE75S070CD: Non-Class 2 output (USR & CNR)
4. LE75S140CD: Class 2 output (USR), Non-Class 2 output (CNR)
5. LE75S280CD: Class 2 output (USR & CNR)
General Specifications
AC Input
90-305Vac, 47-63Hz, 1∅
120–370Vdc
Turn On Time
110Vac: 0.8s – 1.2s
220Vac: 0.4s – 0.6s
Input Current
100Vac: 0.9A, 220Vac: 0.42A
Dimming
Function
1-10Vdc source or External Resistor can be used
for dimming control. See below.
Inrush Current
230Vac, cold start: will not exceed 50A


Similar Part No. - LE75S28CD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LE75S28CD SLPOWER-LE75S28CD Datasheet
1Mb / 4P
75W Single Output LED Driver Series
More results

Similar Description - LE75S28CD

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K80 FSP-FSP060-1K80 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
logo
Bel Fuse Inc.
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com