Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2P50 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP2P50
Description  TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2P50 Datasheet(HTML) 3 Page - Motorola, Inc

  MTP2P50 Datasheet HTML 1Page - Motorola, Inc MTP2P50 Datasheet HTML 2Page - Motorola, Inc MTP2P50 Datasheet HTML 3Page - Motorola, Inc MTP2P50 Datasheet HTML 4Page - Motorola, Inc MTP2P50 Datasheet HTML 5Page - Motorola, Inc MTP2P50 Datasheet HTML 6Page - Motorola, Inc MTP2P50 Datasheet HTML 7Page - Motorola, Inc MTP2P50 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP2P50E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
4
8
28
0
1
2
3
4
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
2
3
4
5
6
7
0
1
2
3
4
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
1
2
2.5
3.5
4
0
2
6
10
0
1
2
3
4
4
4.5
5
5.5
6
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0.5
1
1.5
2
1
10
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VDS ≥ 10 V
TJ = – 55°C
25
°C
100
°C
TJ = 100°C
TJ = 25°C
VGS = 0 V
VGS = 10 V
VGS = 10 V
VGS = 10 V
ID = 1 A
12
16
6 V
5 V
3.5
2.5
1.5
0.5
2.5
3.5
4.5
5.5
6.5
4
8
3
1.5
0.5
25
°C
– 55
°C
VGS = 10 V
15 V
– 50
– 25
0
25
50
75
100
125
150
0
100
50
150
200
250
500
300
350
400
450
TJ = 125°C
100
°C
25
°C
0.5
1.5
2.5
3.5
3.5
2.5
1.5
0.5
20
24
4 V
8 V
7 V
5.75
5.25
4.75
4.25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com