Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2P50 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP2P50
Description  TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2P50 Datasheet(HTML) 1 Page - Motorola, Inc

  MTP2P50 Datasheet HTML 1Page - Motorola, Inc MTP2P50 Datasheet HTML 2Page - Motorola, Inc MTP2P50 Datasheet HTML 3Page - Motorola, Inc MTP2P50 Datasheet HTML 4Page - Motorola, Inc MTP2P50 Datasheet HTML 5Page - Motorola, Inc MTP2P50 Datasheet HTML 6Page - Motorola, Inc MTP2P50 Datasheet HTML 7Page - Motorola, Inc MTP2P50 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.™
Power Field Effect Transistor
P–Channel Enhancement–Mode Silicon Gate
This high voltage MOSFET uses an advanced termination
scheme to provide enhanced voltage–blocking capability without
degrading performance over time. In addition, this advanced TMOS
E–FET is designed to withstand high energy in the avalanche and
commutation modes. The new energy efficient design also offers a
drain–to–source diode with a fast recovery time. Designed for high
voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating areas are critical and offer additional safety margin
against unexpected voltage transients.
• Robust High Voltage Termination
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
500
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
500
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
2.0
1.6
6.0
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
75
0.6
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 100 Vdc, VGS = 10 Vdc, IL = 4.0 Apk, L = 10 mH, RG = 25 Ω)
EAS
80
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
1.67
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Order this document
by MTP2P50E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MTP2P50E
TMOS POWER FET
2.0 AMPERES
500 VOLTS
RDS(on) = 6.0 OHM
Motorola Preferred Device
®
CASE 221A–06, Style 5
TO–220AB
D
S
G


Similar Part No. - MTP2P50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP2P50E ONSEMI-MTP2P50E Datasheet
103Kb / 8P
Power MOSFET 2 Amps, 500 Volts
November, 2000 ??Rev. 3
logo
Inchange Semiconductor ...
MTP2P50E ISC-MTP2P50E Datasheet
412Kb / 2P
P-Channel MOSFET Transistor
logo
ON Semiconductor
MTP2P50EG ONSEMI-MTP2P50EG Datasheet
193Kb / 7P
Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
MTP2P50E ONSEMI-MTP2P50E_10 Datasheet
193Kb / 7P
Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
More results

Similar Description - MTP2P50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTD6N10E MOTOROLA-MTD6N10E Datasheet
211Kb / 10P
TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.400 OHM
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTP2N40E MOTOROLA-MTP2N40E Datasheet
217Kb / 8P
TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTV6N100E MOTOROLA-MTV6N100E Datasheet
262Kb / 10P
TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com