Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1502DA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1502DA
Description  SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1502DA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1502DA Datasheet HTML 1Page - Advanced Linear Devices ALD1502DA Datasheet HTML 2Page - Advanced Linear Devices ALD1502DA Datasheet HTML 3Page - Advanced Linear Devices ALD1502DA Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALD1502/ALD2502
Advanced Linear Devices
4
TYPICAL APPLICATIONS ( EACH TIMER )
TYPICAL PERFORMANCE CHARACTERISTICS
ASTABLE MODE OPERATION
50% DUTY CYCLE
1
2
3
4
8
7
6
5
R
C
0.1
µF
Frequency f = 1/ (1.4 RC)
V+
V+
ASTABLE MODE OPERATION
(FREE RUNNING OSCILLATOR)
MONOSTABLE MODE OPERATION (ONE SHOT PULSE)
Pulse Delay td = 1.1 RC
1
2
3
4
8
7
6
5
C
0.1
µF
RA
V+
V+
RB
Frequency f = 1.46 / (RA + 2RB)C
Duty Cycle DC = RB / (RA + 2RB)
OUTPUT SINK CURRENT AS A
FUNCTION OF OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0.01
0.02
0.05
0.1
1.0
0.5
0.2
100
50
20
5.0
2.0
1.0
0.5
0.2
0.1
10
V+ = 12V
V+ = 2V
TA = 25°C
V+ = 5V
OUTPUT SOURCE CURRENT AS A
FUNCTION OF OUTPUT VOLTAGE
-1.0
-2.0
-5.0
-10
-20
-50
-100
-0.5
-0.5
-0.2
-0.1
-0.05
-0.02
-0.01
-0.2
-0.1
-1.0
OUTPUT VOLTAGE (V)
(REFERENCED TO V+)
V+ = 2V
V+ = 5V
V+ = 12V
TRIGGER
INPUT
DELAYED PULSE
OUTPUT
1
2
3
4
8
7
6
5
0.1
µF
C
R
RESET
V+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com