Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1502DA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1502DA
Description  SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1502DA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1502DA Datasheet HTML 1Page - Advanced Linear Devices ALD1502DA Datasheet HTML 2Page - Advanced Linear Devices ALD1502DA Datasheet HTML 3Page - Advanced Linear Devices ALD1502DA Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ADVANCED
LINEAR
DEVICES, INC.
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
GENERAL DESCRIPTION
The ALD1502/ALD2502 timers are high performance single/dual mono-
lithic timing circuits built with advanced silicon gate CMOS technology.
They offer the benefits of high input impedance, thereby allowing smaller
timing capacitors and a longer timing cycle; high speed, with typical cycle
time of 400ns; low power dissipation for battery operated environment;
reduced supply current spikes, allowing smaller and lower cost decoupling
capacitors.
Each timer is capable of producing accurate time delays and oscillations in
both monostable and astable operation, and operates in the one-shot
(monostable) mode or 50% duty cycle free running oscillation mode with a
single resistor and one capacitor.
The inputs and outputs are fully
compatible with CMOS, NMOS or TTL logic.
There are three matched internal resistors (approximately 200K
Ω each)
that set the threshold and trigger levels at two-thirds and one-third respec-
tively of V+. These levels can be adjusted by using the control terminal.
When the trigger input is below the trigger level, the output is in the high
state and sourcing 2mA. When the threshold input is above the threshold
level at the same time the trigger input is above the trigger level, the internal
flip-flop is reset, the output goes to the low state and sinks up to 10mA. The
reset input overrides all other inputs and when it is active (reset voltage less
than 1V), the output is in the low state.
FEATURES
• High speed operation -- 2.5MHz typical oscillation at 5V
• High discharge sinking current of 80mA at 5V
• Guaranteed low operating supply voltage of 2V to 12V
• Functional equivalent to and same pin-out as NE555/NE556
with greatly expanded high and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current 50
µA typical for ALD1502
and100
µA typical for ALD2502
• Extremely low trigger, threshold and reset currents 10pA typical
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
• CMOS, NMOS and TTL compatible input/output
• Low supply current spikes
APPLICATIONS
•
High speed one-shot (monostable)
pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position
modulation
• Missing pulse detector
• Frequency divider
• Synchronized timer
ALD1502/ALD2502
Operating Temperature Range *
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin Small Outline
8-Pin Plastic Dip
CERDIP Package
Package (SOIC)
Package
ALD1502 DA
ALD1502 SA
ALD1502PA
14-Pin
14-Pin Small Outline 14-Pin Plastic Dip
CERDIP Package
Package (SOIC)
Package
ALD2502 DB
ALD2502 SB
ALD2502 PB
* Contact factory for industrial temperature range
PIN CONFIGURATION
BLOCK DIAGRAM (EACH TIMER)
ORDERING INFORMATION
DSC1
THRES1
CONT1
RST1
OUT1
TRIG1
GND
TRIG2
OUT2
RST2
CONT2
THRES2
DSC2
V+
2
3
4
5
6
7
9
10
11
12
13
14
1
1
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
GND
TRIG
OUT
RST
V+
DISC
THRES
CONT
TOP VIEW
DB, PB, SB PACKAGE
8
OUTPUT
(3)
DISCHARGE
(7)
RESET
(4)
R
S
R
R
R
TRIGGER
(2)
GND
(1)
CONTROL
(5)
THRESHOLD
(6)
V+
(8)
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1502DA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
ADL Embedded Solutions
ALD1502 ADL-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
ALD1502SAL ALD-ALD1502SAL Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502 ALD-ALD1502_V01 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
More results

Similar Description - ALD1502DA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SCT1555 ZETEX-SCT1555 Datasheet
398Kb / 10P
PRECISION SINGLE CELL TIMER
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
PRECISION SINGLE CELL TIMER
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
PRECISION SINGLE CELL TIMER
JULY 2006
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502SAL ALD-ALD1502SAL Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
logo
ADL Embedded Solutions
ALD1502 ADL-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502_V01 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com