Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1721 Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD1721
Description  EPAD??MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721 Datasheet(HTML) 7 Page - Advanced Linear Devices

Back Button ALD1721 Datasheet HTML 2Page - Advanced Linear Devices ALD1721 Datasheet HTML 3Page - Advanced Linear Devices ALD1721 Datasheet HTML 4Page - Advanced Linear Devices ALD1721 Datasheet HTML 5Page - Advanced Linear Devices ALD1721 Datasheet HTML 6Page - Advanced Linear Devices ALD1721 Datasheet HTML 7Page - Advanced Linear Devices ALD1721 Datasheet HTML 8Page - Advanced Linear Devices ALD1721 Datasheet HTML 9Page - Advanced Linear Devices ALD1721 Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ALD1721E/ALD1721
Advanced Linear Devices
7
TYPICAL PERFORMANCE CHARACTERISTICS
LARGE - SIGNAL TRANSIENT
RESPONSE
2V/div
500mV/div
5
µs/div
VS = ±1.0V
TA = 25°C
RL = 100KΩ
CL = 50pF
LARGE - SIGNAL TRANSIENT
RESPONSE
5V/div
2V/div
5
µs/div
VS = ±2.5V
TA = 25°C
RL = 100KΩ
CL = 50pF
OPEN LOOP VOLTAGE GAIN AS A
FUNCTION OF LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
10M
10K
100K
1M
1000
100
10
1
VS = ±2.5V
TA = 25°C
SMALL - SIGNAL TRANSIENT
RESPONSE
100mV/div
20mV/div
2
µs/div
VS = ±2.5V
TA = 25°C
RL = 100KΩ
CL = 50pF
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±1
0
0
±1
±2
±3
±4
±5
±6
±7
TA = 25°C
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
TOTAL INPUT OFFSET VOLTAGE (
µV)
100
80
60
40
20
0
DISTRIBUTION OF TOTAL INPUT OFFSET VOLTAGE
BEFORE AND AFTER EPAD PROGRAMMING
EXAMPLE B:
VOST AFTER EPAD
PROGRAMMING
VOST TARGET = -750µV
EXAMPLE A:
VOST AFTER EPAD
PROGRAMMING
VOST TARGET = 0.0µV
VOST BEFORE EPAD
PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com