Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1721 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1721
Description  EPAD??MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1721 Datasheet HTML 1Page - Advanced Linear Devices ALD1721 Datasheet HTML 2Page - Advanced Linear Devices ALD1721 Datasheet HTML 3Page - Advanced Linear Devices ALD1721 Datasheet HTML 4Page - Advanced Linear Devices ALD1721 Datasheet HTML 5Page - Advanced Linear Devices ALD1721 Datasheet HTML 6Page - Advanced Linear Devices ALD1721 Datasheet HTML 7Page - Advanced Linear Devices ALD1721 Datasheet HTML 8Page - Advanced Linear Devices ALD1721 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ADVANCED
LINEAR
DEVICES, INC.
ALD1721E/ALD1721
PIN CONFIGURATION
1
2
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
VE1
-IN
+IN
VE2
OUT
N/C
V-
V+
EPAD™ MICROPOWER OPERATIONAL AMPLIFIER
GENERAL DESCRIPTION
The
ALD1721E/ALD1721 is a monolithic rail-to-rail precision CMOS
operational amplifier with integrated user programmable EPAD (Electri-
cally Programmable Analog Device) based offset voltage adjustment. The
ALD1721E/ALD1721 operational amplifier is a direct replacement of the
ALD1701 operational amplifier, with the added feature of user-program-
mable offset voltage trimming resulting in significantly enhanced total
system performance and user flexibility. EPAD technology is an exclusive
ALD design which has been refined for analog applications where preci-
sion voltage trimming is necessary to achieve a desired performance. It
utilizes CMOS FETs as in-circuit elements for trimming of offset voltage
bias characteristics with the aid of a personal computer under software
control. Once programmed, the set parameters are stored indefinitely
within the device even after power-down. EPAD offers the circuit designer
a convenient and cost-effective trimming solution for achieving the very
highest amplifier/system performance.
The ALD1721E/ALD1721 operational amplifier features rail-to-rail input
and output voltage ranges, tolerance to over-voltage input spikes of
300mV beyond supply rails, capacitive loading up to 50pF, extremely low
input currents of 0.01pA typical, high open loop voltage gain, useful
bandwidth of 700KHz, slew rate of 0.7 V/
µs, and low typical supply current
of 120 uA.
BENEFITS
• Eliminates manual and elaborate
system trimming procedures
• Remote controlled automated trimming
• In-System Programming capability
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Extremely small total functional
volume size
• Low system implementation cost
• Micropower and Low Voltage
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
KEY FEATURES
•
EPAD ( Electrically Programmable Analog Device)
•
User programmable VOS trimmer
•
Computer-assisted trimming
•
Rail-to-rail input/output
•
Compatible with standard EPAD Programmer
•
High precision through in-system circuit precision trimming
•
Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
•
System level “calibration” capability
•
Application Specific Programming mode
•
In-System Programming mode
•
Electrically programmable to compensate for
external component tolerances
•
Achieves 0.01pA input bias current and 35
µV
input offset voltage simultaneously
•
Compatible with industry standard pinout
ORDERING INFORMATION
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD1721E DA
ALD1721E SA
ALD1721E PA
ALD1721 DA
ALD1721 SA
ALD1721 PA
* Contact factory for industrial temperature range
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1721

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1721DA ADL-ALD1721DA Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
58Kb / 10P
DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1721EDA ALD-ALD1721EDA Datasheet
108Kb / 13P
EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
EPAD??OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
DUAL EPAD TM OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
2MHz,MicropowerOperationalAmplifier
May 2001
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com