Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1801ASC Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1801ASC
Description  8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1801ASC Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1801ASC Datasheet HTML 1Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 2Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 3Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 4Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 5Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD1801A/ALD1801B
Advanced Linear Devices
2
ALD1801
Supply
VS
±1.5
±6.0 ±1.5
±6.0 ±1.5
±6.0
V
Dual Supply
Voltage
Single Supply
Resolution
8
8
8
Bits
Monotonicity
8
8
8
Bits
Nonlinearity
NL
±0.1
±0.19
±0.39
% of
Full Scale
Settling Time
tS
2.5
5.0
2.5
5.0
2.5
5.0
µs
To 1/2 LSB with all bits
turned on/off
Propagation
td
1.5
2.5
1.5
2.5
1.5
2.5
µs
Each Bit
Delay
1.5
2.5
1.5
2.5
1.5
2.5
µs
All Bits
Full Scale
TC
±10
±50
±10
±50
±10
±50
ppm/
°C
Tempco
Output
VOC
V-
V+
V-
V+
V-
V+
V
Compliance
+1.5
+0.2
+1.5
+0.2 +1.5
+0.2
Output
50
50
50
M
Ω
Output Within
Impedance
Compliance limits
Full Scale
IFS
100
100
100
µAROUT = ROUT = 50KΩ
Current Range
VREF = 2.5V; RREF =25KΩ
Full Scale
IFSS
±2.5
±2.5
±2.5
µA
Symmetry
Zero Scale
IZS
10
10
10
nA
Current
Logic Input Level 1
Logic "0"
VIL
-1.1
-1.1
-1.1
V
Supply =
±2.5V
Logic "1"
VIH
2.1
2.1
2.1
Logic Swing
Logic Threshold
VLS
-2.8
2.8
-2.8
2.8
-2.8
2.8
V
Supply =
±2.5V
Range
-1.5
1.5
-1.5
1.5
-1.5
1.5
V
Supply =
±2.5V
Reference Bias
IRB
0.1
0.1
0.1
nA
Current
Power Supply
+IS
500
800
500
800
500
800
µA
Full Scale
Current
- IS
700
1000
700 1000
700
1000
Output = 100
µA
Power Dissipation
PD
4.5
4.5
4.5
mW
Supply =
±2.5V
Compensation
Not Required
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±2.5V or VS = +5.0V unless otherwise specifie
1801A
1801B
1801
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Notes:
1. Contact ALD for
±1.0V/±1.25V operation
2. Logic levels of VIL 0.4V and VIH 4.6V for single supply applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com