Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1801ASC Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1801ASC
Description  8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1801ASC Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1801ASC Datasheet HTML 1Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 2Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 3Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 4Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 5Page - Advanced Linear Devices ALD1801ASC Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
• Low voltage 3V to 12V operation
• Low power 1.8mW max @ 3.3V
• Single supply operation (5V or 3.3V)
• Direct CMOS logic interface
• Complementary current outputs
• Nonlinearity to 0.1% max over
temperature range
• High input impedance
• Low full scale current
• High output impedance
GENERAL DESCRIPTION
The ALD1801 is an 8-bit monolithic current output digital to analog
converter designed to provide low power, low operating voltage and simple
operation. It offers industry pin configuration of DAC-08 types, and is
intended for a wide range of digital to analog conversion and control
applications in +5V single power supply and
±5V dual power supply
systems, as well as +3V to +12V battery operated systems.
Device
characteristics are specified for +5V single supply and 3.3V dual supply
systems.
The ALD1801 is manufactured with Advanced Linear Devices’ enhanced
ACMOS silicon gate CMOS process and has been designed to be also
used as a linear cell element in Advanced Linear Devices’ "Function-
Specific" ASIC, as it is fully compatible in design, operation, and manufacture
with all other linear elements in Advanced Linear Devices’ product family.
The ALD1801 is designed with matching between reference and full scale
currents. Digital inputs are standard CMOS logic inputs to provide ease
of interface. Output currents can be directly converted to a voltage output
by using a pair of resistors. When used with ALD’s rail-to-rail output
operational amplifiers such as the ALD1702, full scale output of 0 to +5V
can be easily achieved with single +5V power supply.
8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
ALD1801A/ALD1801B
ALD1801
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
16-Pin
16-Pin
16-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package(SOIC)
Package
ALD1801A DC
ALD1801A SC
ALD1801A PC
ALD1801B DC
ALD1801B SC
ALD1801B PC
ALD1801 DC
ALD1801 SC
ALD1801 PC
ORDERING INFORMATION
* Contact factory for industrial temperature range
BLOCK DIAGRAM
VREF+
VREF-
14
3
13
15
V+
IB1
5
B1
MSB
IB2
6
B2
IB3
7
B3
IB4
8
B4
IB5
9
B5
IB7
11
B7
IB6
10
B6
IB8
12
B8
LSB
4
2
IOUT
IOUT
PIN CONFIGURATION
* N/C Pin is connected internally. Do not connect externally.
VREF-
V-
V+
MSB B1
B2
B4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
15
16
TOP VIEW
DC, PC, SC PACKAGE
B3
B5
B6
B8 LSB
B7
VREF+
I OUT
IOUT
N/C
N/C
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1801ASC

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD18 ASTEC-ALD18 Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48- ASTEC-ALD18A48- Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48-6 ASTEC-ALD18A48-6 Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48-6S ASTEC-ALD18A48-6S Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48-S ASTEC-ALD18A48-S Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
More results

Similar Description - ALD1801ASC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
8-bit multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com