Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 2003
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2003 Datasheet(HTML) 5 Page - Allegro MicroSystems

  2003 Datasheet HTML 1Page - Allegro MicroSystems 2003 Datasheet HTML 2Page - Allegro MicroSystems 2003 Datasheet HTML 3Page - Allegro MicroSystems 2003 Datasheet HTML 4Page - Allegro MicroSystems 2003 Datasheet HTML 5Page - Allegro MicroSystems 2003 Datasheet HTML 6Page - Allegro MicroSystems 2003 Datasheet HTML 7Page - Allegro MicroSystems 2003 Datasheet HTML 8Page - Allegro MicroSystems 2003 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2003 THRU 2024
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
www.allegromicro.com
OPEN
OPEN
VCE
ICEX
µA
VIN
OPEN
VCE
ICEX
µA
IB
OPEN
hFE =
VCE
V
IC
IB
IC
VIN
OPEN
mA
OPEN
IIN
OPEN
VCE
IC
µA
IIN
µA
V
OPEN
VCE
V
VIN
IC
OPEN
VR
IR
µA
IF
OPEN
VF
V
50%
50%
50%
50%
t pHL
t pHL
OUTPUT
INPUT
VIN
PULSE
GENERATOR
PRR = 10KHz
DC = 50%
INPUT
93
Ω
50 pF
OUT
30
Ω
100
Ω
+50 V
Dwg. No. A-9732A
Dwg. No. A-9733A
Dwg. No. A-9734A
FIGURE 6
FIGURE 7
FIGURE 8
Dwg. No. A-9735A
Dwg. No. A-9736A
V
in
ULN20X3*
3.5 V
ULN20X4*
12 V
TEST FIGURES
FIGURE 1A
FIGURE 1B
FIGURE 2
FIGURE 3
FIGURE 4
FIGURE 5
* Complete part number includes a final letter to indicate package.
X = Digit to identify specific device. Specification shown applies to family of devices with remaining digits as shown.
Dwg. No. A-9731A
Dwg. No. A-9730A
Dwg. No. A-9729A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com