Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2003
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2003 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2003 Datasheet HTML 1Page - Allegro MicroSystems 2003 Datasheet HTML 2Page - Allegro MicroSystems 2003 Datasheet HTML 3Page - Allegro MicroSystems 2003 Datasheet HTML 4Page - Allegro MicroSystems 2003 Datasheet HTML 5Page - Allegro MicroSystems 2003 Datasheet HTML 6Page - Allegro MicroSystems 2003 Datasheet HTML 7Page - Allegro MicroSystems 2003 Datasheet HTML 8Page - Allegro MicroSystems 2003 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2003 THRU
2024
x = digit to identify specific device. Characteristic shown applies to family of
devices with remaining digits as shown. See matrix on next page.
Ideally suited for interfacing between low-level logic circuitry and
multiple peripheral power loads, the Series ULN20xxA/L high-voltage,
high-current Darlington arrays feature continuous load current ratings
to 500 mA for each of the seven drivers. At an appropriate duty cycle
depending on ambient temperature and number of drivers turned ON
simultaneously, typical power loads totaling over 230 W (350 mA x 7,
95 V) can be controlled. Typical loads include relays, solenoids,
stepping motors, magnetic print hammers, multiplexed LED and
incandescent displays, and heaters. All devices feature open-collector
outputs with integral clamp diodes.
The ULN2003A/L and ULN2023A/L have series input resistors
selected for operation directly with 5 V TTL or CMOS. These devices
will handle numerous interface needs — particularly those beyond the
capabilities of standard logic buffers.
The ULN2004A/L and ULN2024A/L have series input resistors for
operation directly from 6 to 15 V CMOS or PMOS logic outputs.
The ULN2003A/L and ULN2004A/L are the standard Darlington
arrays. The outputs are capable of sinking 500 mA and will withstand
at least 50 V in the OFF state. Outputs may be paralleled for higher
load current capability. The ULN2023A/L and ULN2024A/L will
withstand 95 V in the OFF state.
These Darlington arrays are furnished in 16-pin dual in-line plastic
packages (suffix “A”) and 16-lead surface-mountable SOICs (suffix
“L”). All devices are pinned with outputs opposite inputs to facilitate
ease of circuit board layout. All devices are rated for operation over the
temperature range of -20
°C to +85°C. Most (see matrix, next page) are
also available for operation to -40
°C; to order, change the prefix from
“ULN” to “ULQ”.
FEATURES
I TTL, DTL, PMOS, or CMOS-Compatible Inputs
I Output Current to 500 mA
I Output Voltage to 95 V
I Transient-Protected Outputs
I Dual In-Line Plastic Package or Small-Outline IC Package
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON ARRAYS
Dwg. No. A-9594
16
15
14
13
12
611
710
89
1
2
3
4
5
Note that the ULN20xxA series (dual in-line
package) and ULN20xxL series (small-outline
IC package) are electrically identical and share
a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Output Voltage, V
CE
(ULN200xA and ULN200xL) ........ 50 V
(ULN202xA and ULN202xL) ........ 95 V
Input Voltage, V
IN ................................ 30 V
Continuous Output Current,
I
C ................................................. 500 mA
Continuous Input Current, I
IN ........... 25 mA
Power Dissipation, P
D
(one Darlington pair) ..................... 1.0 W
(total package) ....................... See Graph
Operating Temperature Range,
T
A .................................. -20°C to +85°C
Storage Temperature Range,
T
S ................................. -55°C to +150°C


Similar Part No. - 2003

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2003 SCHURTER-2003 Datasheet
379Kb / 2P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
logo
XFMRS Inc.
2003 XFMRS-2003 Datasheet
28Kb / 2P
HIGH QUALITY NETWORKING TRANSFORMERS
logo
Bourns Electronic Solut...
2003 BOURNS-2003 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
logo
Heyco.
2003 HEYCO-2003 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2003 ADAFRUIT-2003 Datasheet
253Kb / 2P
Silicone Cover Stranded-Core Wire - 2m 30AWG Black
More results

Similar Description - 2003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
High Voltage High Current Darlington Arrays
October 28, 2005
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
ULN2003A ALLEGRO-ULN2003A Datasheet
182Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
High-Voltage, High - Current Darlington Arrays
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com