Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F629-IP Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC12F629-IP
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-IP Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC12F629-IP Datasheet HTML 23Page - Microchip Technology PIC12F629-IP Datasheet HTML 24Page - Microchip Technology PIC12F629-IP Datasheet HTML 25Page - Microchip Technology PIC12F629-IP Datasheet HTML 26Page - Microchip Technology PIC12F629-IP Datasheet HTML 27Page - Microchip Technology PIC12F629-IP Datasheet HTML 28Page - Microchip Technology PIC12F629-IP Datasheet HTML 29Page - Microchip Technology PIC12F629-IP Datasheet HTML 30Page - Microchip Technology PIC12F629-IP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 27
PIC12F629/675
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH GPIO
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOD
Value on all
other
Resets
05h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
--uu uuuu
0Bh/8Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
0000 000u
19h
CMCON
—
COUT
—
CINV
CIS
CM2
CM1
CM0
-0-0 0000
-0-0 0000
81h
OPTION_REG
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
85h
TRISIO
—
—
TRISIO5 TRISIO4 TRISIO3 TRISIO2 TRISIO1 TRISIO0
--11 1111
--11 1111
95h
WPU
—
—
WPU5
WPU4
—
WPU2
WPU1
WPU0
--11 -111
--11 -111
96h
IOC
—
—
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
--00 0000
--00 0000
9Fh
ANSEL
—
ADCS2
ADCS1
ADCS0
ANS3ANS2ANS1ANS0
-000 1111
-000 1111
Legend: x = unknown, u = unchanged, - = unimplemented locations read as ‘
0’. Shaded cells are not used by GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com