Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F629-IP Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC12F629-IP
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-IP Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC12F629-IP Datasheet HTML 4Page - Microchip Technology PIC12F629-IP Datasheet HTML 5Page - Microchip Technology PIC12F629-IP Datasheet HTML 6Page - Microchip Technology PIC12F629-IP Datasheet HTML 7Page - Microchip Technology PIC12F629-IP Datasheet HTML 8Page - Microchip Technology PIC12F629-IP Datasheet HTML 9Page - Microchip Technology PIC12F629-IP Datasheet HTML 10Page - Microchip Technology PIC12F629-IP Datasheet HTML 11Page - Microchip Technology PIC12F629-IP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
PIC12F629/675
DS41190G-page 8
 2010 Microchip Technology Inc.
TABLE 1-1:
PIC12F629/675 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
GP0/AN0/CIN+/ICSPDAT
GP0
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change
AN0
AN
A/D Channel 0 input
CIN+
AN
Comparator input
ICSPDAT
TTL
CMOS
Serial programming I/O
GP1/AN1/CIN-/VREF/
ICSPCLK
GP1
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change
AN1
AN
A/D Channel 1 input
CIN-
AN
Comparator input
VREF
AN
External voltage reference
ICSPCLK
ST
Serial programming clock
GP2/AN2/T0CKI/INT/COUT
GP2
ST
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change
AN2
AN
A/D Channel 2 input
T0CKI
ST
TMR0 clock input
INT
ST
External interrupt
COUT
CMOS
Comparator output
GP3/MCLR/VPP
GP3
TTL
Input port w/ interrupt-on-change
MCLR
ST
Master Clear
VPP
HV
Programming voltage
GP4/AN3/T1G/OSC2/
CLKOUT
GP4
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change
AN3
AN
A/D Channel 3 input
T1G
ST
TMR1 gate
OSC2
XTAL
Crystal/resonator
CLKOUT
CMOS
FOSC/4 output
GP5/T1CKI/OSC1/CLKIN
GP5
TTL
CMOS
Bidirectional I/O w/ programmable pull-up and
interrupt-on-change
T1CKI
ST
TMR1 clock
OSC1
XTAL
Crystal/resonator
CLKIN
ST
External clock input/RC oscillator connection
VSS
VSS
Power
Ground reference
VDD
VDD
Power
Positive supply
Legend:
Shade = PIC12F675 only
TTL = TTL input buffer, ST = Schmitt Trigger input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com