Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD500ASWC Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD500ASWC
Description  PRECISION INTEGRATING ANALOG PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500ASWC Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD500ASWC Datasheet HTML 1Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 2Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 3Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 4Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 5Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 6Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 7Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 8Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ALD500AU/ALD500A/ALD500
Advanced Linear Devices
5
DC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5.0V V- = -5.0V (VSUPPLY = ±5.0 V) unless otherwise specified; CAZ = CREF = 0.47µf
500AU
500A
500
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
0.6
1.0
0.6
1.0
0.6
1.0
mA
V
+ = 5V , A =1,B=1
Power Dissipation
PD
10
10
10
mW
VSUPPLY = ±5V
Positive Supply Range
V+S
4.5
5.5
4.5
5.5
4.5
5.5
V
Note 4
Negative Supply Range
V-S
-4.5
-5.5
-4.5
-5.5
-4.5
-5.5
V
Note 4
Comparator Logic 1,
VOH
44
4
V
ISOURCE = 400µA
Output High
Comparator Logic 0,
VOL
0.4
0.4
0.4
V
ISINK = 1.1mA
Output Low
Logic 1, Input High
VIH
3.5
3.5
3.5
V
Voltage
Logic 0, Input Low
VIL
11
1
V
Voltage
Logic Input Current
IL
0.01
0.01
0.01
µA
Comparator Delay
tD
11
1
µsec
Note 5
NOTES:
1. Integrate time
≥ 66 msec., Auto Zero time ≥ 66 msec., VINT = 4V, VIN = 2.0V Full Scale
Resolution = VINT /integrate time/clock period
2. End point linearity at
±1/4, ±1/2, ±3/4 Full Scale after Full Scale adjustment.
3. Rollover Error also depends on CINT, CREF, CAZ characteristics.
4. Contact factory for other power supply operating voltage ranges, including Vsupply =
±3V or Vsupply = ±2.5V.
5. Recommended selection of clock periods of one of the following:
t clk = 0.27
µsec, 0.54µsec, or 1.09µsec
which corresponds to clock frequencies of 3.6864 MHz, 1.8432 MHz, 0.9216 MHz respectively.
~
Figure 3. ALD500 TIMING DIAGRAM
66.667 msec.
123,093
Clock Pulses
Positive Input Signal
Negative Input Signal
66.667 msec.
0.5416
µs
123,093
Clock Pulses
COUT
B INPUT
A INPUT
1.8432 MHz Clock
1 Conversion Cycle
Auto Zero
Phase
Input Signal
Integration
Phase
Reference
Voltage
Deintegration
Phase
Integrator Zero
Phase
Auto Zero
Phase
Fixed number
of clock pulses
by design.
Variable
number of
clock pulses.
~
Clock data in
or clock data out
of counters within the
the microcontroller
or fixed logic controller,
as needed.
Fixed period of
approx.1 msec.
At VIN MAX,
max. number of
clock pulses
= 246,185
NOT VALID
Stop counter upon
detection of comparator
output going from high
to low state.
START DEINTEGRATION CYCLE
START INTEGRATION CYCLE
START
CONVERSION
CYCLE
START INTEGRATOR ZERO CYCLE
COUT
NOT VALID
REPEAT
CONVERSION
CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com