Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD500ASWC Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD500ASWC
Description  PRECISION INTEGRATING ANALOG PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500ASWC Datasheet(HTML) 9 Page - Advanced Linear Devices

Back Button ALD500ASWC Datasheet HTML 3Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 4Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 5Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 6Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 7Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 8Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 9Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 10Page - Advanced Linear Devices ALD500ASWC Datasheet HTML 11Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ALD500AU/ALD500A/ALD500
Advanced Linear Devices
9
APPLICATIONS AND DESIGN NOTES
Determination and Selection of System Variables
The procedure outlined below allows the user to determine the
values for the following ALD500AU/ALD500A/ALD500 system
design variables:
(1) Determine Input Voltage Range
(2) Clock Frequency and Resolution Selection
(3) Input Integration Phase Timing
(4) Integrator Timing Components (RINT, CINT)
(5) Auto Zero and Reference Capacitors
(6) Voltage Reference
System Timing
Figure 3 and Figure 4 show the overall timing for a typical
system in which ALD500AU/ALD500A/ALD500 is interfaced
to a microcontroller. The microcontroller drives the A, B inputs
with I/O lines and monitors the comparator output, COUT,
using an I/O line or dedicated timer-capture control pin. It may
be necessary to monitor the state of the comparator output in
addition to having it control a timer directly during the Reference
Deintegration Phase.
There are four critical timing events:
sampling the input
polarity; capturing the deintegration time; minimizing overshoot
and properly executing the Integrator Output Zero Phase.
Selecting Input Integration Time
For maximum 50/60 cycle noise rejection, Input Integration
Time must be picked as a multiple of the period of line
frequency. For example, tINT times of 33msec, 66msec and
100 msec maximize 60Hz line rejection, and 20msec, 40
msec, 80msec, and 100 msec maximize 50Hz line rejection.
Note that tINT of 100 msec maximizes both 60 Hz and 50Hz
line rejection.
INT and DINT Phase Timing
The duration of the Reference Deintegrate Phase (DINT) is a
function of the amount of voltage charge stored on the
integrator capacitor during INT phase, and the value of VREF.
The DINT phase must be initiated immediately following INT
phase and terminated when an integrator output zero-crossing
is detected.
In general, the maximum number of counts
chosen for DINT phase is twice to three times that of INT phase
with VREF chosen as a maximum voltage relative to VIN. For
example, VREF = VIN(max)/2 would be a good reference
voltage.
Integrating Resistor (RINT )
The desired full-scale input voltage and amplifier output
current capability determine the value of RINT. The buffer and
integrator amplifiers each have a full-scale current of 20
µA.
The value of RINT is therefore directly calculated as follows:
RINT
=VIN MAX / 20 µA
where:
VIN MAX = Maximum input voltage desired
(full count voltage)
RINT
= Integrating Resistor value
For minimum noise and maximum linearity, RINT should be in
the range of between 50k
Ω to 150kΩ .
Integrating Capacitor (CINT)
The integrating capacitor should be selected to maximize
integrator output voltage swing VINT, for a given integration
time, without output level saturation. For +/-5V supplies,
recommended VINT range is between +/- 3 Volt to +/-4 Volt.
Using the 20
µA buffer maximum output current, the value of
the integrating capacitor is calculated as follows:
CINT = (tINT) . (20 x 10
-6) / VINT
where: tINT
=
Input Integration Phase Period
VINT =
Maximum integrator output
voltage swing
It is critical that the integrating capacitor must have a very low
dielectric absorption, as charge loss or gain during conversion
directly converts into an error voltage. Polypropylene capacitors
are recommended while Polyester and Polybicarbonate
capacitors may also be used in less critical applications.
Reference (CREF) and Auto Zero (CAZ) Capacitors
CREF and CAZ must be low leakage capacitors (e.g.
polypropylene types). The slower the conversion rate, the
larger the value CREF must be. Recommended capacitor
values for CREF and CAZ are equal to CINT. Larger values for
CAZ and CREF may also be used to limit roll-over errors.
Calculate VREF
The reference deintegration voltage is calculated using:
VREF = (VINT) . (CINT) . (RINT) / 2(tINT)
Converter Noise
The converter noise is the total algebraic sum of the integrator
noise and the comparator noise. This value is typically 14
µV
peak to peak. The higher the value of the reference voltage,
the lower the converter noise. Such sources of noise errors
can be reduced by increased integration times, which effectively
filter out any such noise. If the integration time periods are
selected as multiples of 50/60Hz frequencies, then 50/60Hz
noise is also rejected, or averaged out. The signal-to-noise
ratio is related to the integration time (tINT) and the integration
time constant (RINT) (CINT) as follows:
S/N (dB) = 20 Log ((VINT / 14 x 10
-6) . tINT /(RINT . CINT))
This converter noise can also be reduced by using multiple
samples and mathematically averaged. For example, taking
16 samples and averaging the readings result in a mathematical
(by software) filtering of noise to less than 4
µV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com