Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB403P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LB403P
Description  Enclosed Isolators 3, 4, 6 and 8 Poles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB403P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LB403P Datasheet HTML 1Page - List of Unclassifed Manufacturers LB403P Datasheet HTML 2Page - List of Unclassifed Manufacturers LB403P Datasheet HTML 3Page - List of Unclassifed Manufacturers LB403P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Enclosed Isolators
3, 4, 6 and 8 Poles
Page <3>
26/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Isolator Rating
(AC-21)
Measure
Switch
Code
LB20
LB25
LB32
LB40
LB63
LB80
LB100
LB125
Short Circuit Capacity (UL / CSA)
Maximum Fuse Size Amperes
A
25
25
50
50
70
70
100
125
Fuse (Being
Certified with J Type
Fuses)
Type
-
J
J
J, RK5
J
J
Rated Fuse Short
Circuit Current
Amperes
kA
5
5
5
5
5
5
10
10
Terminal Cross Section
Single / Multiple
Strand Wire
Minimum
mm2
1.5
1.5
1
1
4
4
6
6
Maximum
6
6
10
10
16
16
70
70
Fine Strand Wire
with Sleeve
Minimum
0.5
0.5
0.75
0.75
2.5
2.5
4
4
Maximum
6
6
6
6
10
10
50
50
American Wire
Gauge
-
AWG
12
12
8
8
6
6
1
1
Recommended
Tightening Torque
for Terminals
-
NM
0.8
0.8
1.7
1.7
1.7
1.7
2.5
2.5
Duty Category Table
Current
Category
Typical Applications
Relevant IEC Product Standard
AC-1
AC-3
AC-15
AC-21
AC-22
AC-23
Non-inductive or slightly inductive loads,
resistance furnaces
Squirrel-cage motors:
Starting, switching off motors during running
Control of AC electromagnetic Loads
Switching of resistive loads, including moderate
overloads
Switching of mixed resistive and inductive loads
Switching of motor loads or other highly
inductive load
947-4
947-3
947-5-1
947-3
947-3
947-3
DC
DC-1
DC-13
Non-inductive or slightly inductive loads,
resistance furnaces
Control of DC electromagnets
947-4
947-5-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com