Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB403P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LB403P
Description  Enclosed Isolators 3, 4, 6 and 8 Poles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB403P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LB403P Datasheet HTML 1Page - List of Unclassifed Manufacturers LB403P Datasheet HTML 2Page - List of Unclassifed Manufacturers LB403P Datasheet HTML 3Page - List of Unclassifed Manufacturers LB403P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Enclosed Isolators
3, 4, 6 and 8 Poles
Page <4>
26/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Part Number
Isolator Enclosed 2 A 4 Pole
LB204P
Isolator Enclosed 2 A 4 Pole
LB254P
Isolator Enclosed 2 A 4 P BB
LB254PBB
Isolator Enclosed 2 A 6 Pole
LB256P
Isolator Enclosed 2 A 8 Pole
LB258P
Isolator Enclosed 3 A 3 Pole
LB323P
Isolator Enclosed 3 A 4 Pole
LB324P
Isolator Enclosed 3 A 4 P BB
LB324PBB
Isolator Enclosed 3 A 6 Pole
LB326P
Isolator Enclosed 3 A 8 Pole
LB328P
Isolator Enclosed 4 A 3 Pole
LB403P
Isolator Enclosed 4 A 4 Pole
LB404P
Description
Part Number
Isolator Enclosed 4 A 4 P BB
LB404PBB
Isolator Enclosed 4 A 6 Pole
LB406P
Isolator Enclosed 4 A 8 pole
LB408P
Isolator Enclosed 6 A 3 Pole
LB633P
Isolator Enclosed 6 A 4 Pole
LB634P
Isolator Enclosed 8 A 3 Pole
LB803P
Isolator Enclosed 8 A 4 Pole
LB804P
Isolator Enclosed 10 A 4 Pole
LB1004P
Isolator Enclosed 12 A 4 Pole
LB1254P
Isolator Change Over 2 A 4P
LBC254P
Isolator Change Over 3 A 4P
LBC324P
Isolator Change Over 4 A 4P
LBC404P
Part Number Explanation:
Current Rating
: 20 = 20 A, 25 = 25 A, 32 = 32 A, 40 = 40 A, 63 = 63 A, 80 = 80 A, 100 = 100 A and
125 = 125 A (AC-21 A and AC-1)
Number of Poles
: 3P = 3, 4P = 4, 6P = 6 and 8 = 8 poles
Enclosure Size
: BB = enclosure size (large enclosure if required)
Load Break
LB
Current Rating
25
Number of
Poles
4P
BB
Enclosure Size
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com