Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTJZP103HA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERTJZP103HA
Description  Multilayer NTC Thermistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJZP103HA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERTJZP103HA Datasheet HTML 1Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 2Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 3Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 4Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 5Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 6Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 7Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 365 –
■ Ratings
Size code (EIA)
Z(0201)
0(0402)
1(0603)
Operating
Temperature Range
–40 to 125 °C
Rated Maximum
Power Dissipation✽
1
33 mW
66 mW
100 mW
Dissipation Factor✽
2
approximately
1 mW/°C
approximately
2 mW/°C
approximately
3 mW/°C
✽1 Rated Maximum Power Dissipation : The maximum power that can be continuously applied at the rated ambient temperature.
· The Maximum Power Dissipation under ambient temperature 25 °C or less is the same with the rated maximum power dissipation, and Maximum
power dissipation beyond 25 °C depends on the Decreased power dissipation curve.
· Please see “Operating Power” for details paging 371.
✽2 Dissipation factor : The constant amount power required to raise the temperature of the Thermistor 1 °C through self heat generation under
stable temperatures.
· Dissipation factor is the reference value when mounted on a glass epoxy board (1.6 mmT).
● Resistance ratios to R25 at each temperature/Reference values
(for obtaining resistance at each temperature by using R25 shown in part number)
R25=Resistance at 25.0±0.1 °C
R50=Resistance at 50.0±0.1 °C
R85=Resistance at 85.0±0.1 °C
B25/50=
kn (R25/R50)
1/298.15–1/323.15
B25/85=
kn (R25/R85)
1/298.15–1/358.15
✽1 Other than ERTJ0ET104
in B25/50=4500K.
✽2 ERTJ0ET104
only.
ERTJ
A∼
ERTJ
G∼
ERTJ
M∼
ERTJ
P∼
ERTJ
R∼
ERTJ0ES∼
ERTJ1VS∼
ERTJ
T∼ ERTJ0ET104
ERTJ
V∼
B25/50
2750 K
2800 K
(3375 K)
3900 K
4050 K
4250K
4330K
(4330K)
4500K
4500K
4700K
B25/85 (2700 K) (2750 K)
3435 K
(3970 K) (4100 K)
(4300K)
(4390K)
4390K
(4450K)
(4580K)
(4750K)
T(°C)
✽1
✽2
-40 13.05
13.28
20.52
32.11
33.10
43.10
45.67
45.53
63.30
47.07
59.76
-35 10.21
10.40
15.48
23.29
24.03
30.45
32.08
31.99
42.92
33.31
41.10
-30
8.061
8.214
11.79
17.08
17.63
21.76
22.80
22.74
29.50
23.80
28.61
-25
6.427
6.547
9.069
12.65
13.06
15.73
16.39
16.35
20.53
17.16
20.14
-20
5.168
5.261
7.037
9.465
9.761
11.48
11.91
11.89
14.46
12.49
14.33
-15
4.191
4.261
5.507
7.147
7.362
8.466
8.743
8.727
10.30
9.159
10.31
-10
3.424
3.476
4.344
5.444
5.599
6.300
6.479
6.469
7.407
6.772
7.482
-5
2.819
2.856
3.453
4.181
4.291
4.730
4.845
4.839
5.388
5.046
5.481
0
2.336
2.362
2.764
3.237
3.312
3.582
3.654
3.650
3.966
3.789
4.050
5
1.948
1.966
2.227
2.524
2.574
2.734
2.778
2.776
2.953
2.864
3.015
10
1.635
1.646
1.806
1.981
2.013
2.102
2.128
2.126
2.221
2.179
2.262
15
1.380
1.386
1.474
1.567
1.584
1.629
1.642
1.641
1.687
1.669
1.710
20
1.171
1.174
1.211
1.247
1.255
1.272
1.277
1.276
1.293
1.287
1.303
25
1
1
1
1
1
1
1
1
1
1
1
30
0.8585
0.8565
0.8309
0.8072
0.8016
0.7921
0.7888
0.7890
0.7799
0.7823
0.7734
35
0.7407
0.7372
0.6941
0.6556
0.6461
0.6315
0.6263
0.6266
0.6131
0.6158
0.6023
40
0.6422
0.6376
0.5828
0.5356
0.5235
0.5067
0.5004
0.5007
0.4856
0.4876
0.4721
45
0.5595
0.5541
0.4916
0.4401
0.4266
0.4090
0.4022
0.4025
0.3874
0.3884
0.3723
50
0.4899
0.4836
0.4165
0.3635
0.3496
0.3319
0.3251
0.3254
0.3111
0.3111
0.2954
55
0.4309
0.4238
0.3543
0.3018
0.2881
0.2709
0.2642
0.2645
0.2513
0.2504
0.2356
60
0.3806
0.3730
0.3027
0.2518
0.2386
0.2222
0.2158
0.2161
0.2042
0.2026
0.1889
65
0.3376
0.3295
0.2595
0.2111
0.1985
0.1832
0.1772
0.1774
0.1670
0.1648
0.1523
70
0.3008
0.2922
0.2233
0.1777
0.1659
0.1518
0.1463
0.1465
0.1377
0.1348
0.1236
75
0.2691
0.2600
0.1929
0.1504
0.1393
0.1264
0.1213
0.1215
0.1144
0.1108
0.1009
80
0.2417
0.2322
0.1672
0.1278
0.1174
0.1057
0.1011
0.1013
0.09560
0.09162
0.08284
85
0.2180
0.2081
0.1451
0.1090
0.09937
0.08873
0.08469
0.08486
0.08033
0.07609
0.06834
90
0.1974
0.1871
0.1261
0.09310
0.08442
0.07468
0.07122
0.07138
0.06782
0.06345
0.05662
95
0.1793
0.1688
0.1097
0.07980
0.07200
0.06307
0.06014
0.06028
0.05753
0.05314
0.04712
100
0.1636
0.1528
0.09563
0.06871
0.06166
0.05353
0.05099
0.05112
0.04903
0.04472
0.03939
105
0.1498
0.1387
0.08357
0.05947
0.05306
0.04568
0.04340
0.04351
0.04198
0.03784
0.03308
110
0.1377
0.1263
0.07317
0.05170
0.04587
0.03918
0.03708
0.03718
0.03609
0.03218
0.02791
115
0.1270
0.1153
0.06421
0.04512
0.03979
0.03374
0.03179
0.03188
0.03117
0.02748
0.02364
120
0.1175
0.1056
0.05650
0.03951
0.03460
0.02916
0.02734
0.02742
0.02702
0.02352
0.02009
125
0.1091
0.09695
0.04986
0.03470
0.03013
0.02527
0.02359
0.02367
0.02351
0.02017
0.01712
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com